| Electronic Components Datasheet Search |
|
M68ICS08GR Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc |
|
27 / 408 page ![]() General Description Features MC68HC908GR8 — Rev 4.0 Technical Data MOTOROLA General Description 27 • 7680 bytes of on-chip FLASH memory on the MC68HC908GR8 and 4096 bytes of on-chip FLASH memory on the MC68HC908GR4 with in-circuit programming capabilities of FLASH program memory • 384 bytes of on-chip random-access memory (RAM) • Serial peripheral interface module (SPI) • Serial communications interface module (SCI) • One 16-bit, 2-channel timer (TIM1) and one 16-bit, 1-channel timer (TIM2) interface modules with selectable input capture, output compare, and PWM capability on each channel • 6-channel, 8-bit successive approximation analog-to-digital converter (ADC) • BREAK module (BRK) to allow single breakpoint setting during in- circuit debugging • Internal pullups on IRQ and RST to reduce customer system cost • Clock generator module with on-chip 32-kHz crystal compatible PLL (phase-lock loop) • Up to 21 general-purpose input/output (I/O) pins, including: – 19 shared-function I/O pins – Up to two dedicated I/O pins, depending on package choice • Selectable pullups on inputs only on ports A, C, and D. Selection is on an individual port bit basis. During output mode, pullups are disengaged. • High current 10-mA sink/10-mA source capability on all port pins • Higher current 15-mA sink/source capability on PTC0–PTC1 • Timebase module with clock prescaler circuitry for eight user selectable periodic real-time interrupts with optional active clock source during stop mode for periodic wakeup from stop using an external 32-kHz crystal • Oscillator stop mode enable bit (OSCSTOPENB) in the CONFIG register to allow user selection of having the oscillator enabled or disabled during stop mode Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |