Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 79Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 80Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 81Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 82Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 83Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 84Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 85Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 86Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 408 page
background image
Analog-to-Digital Converter (ADC)
Interrupts
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Analog-to-Digital Converter (ADC)
83
5.4.5 Accuracy and Precision
The conversion process is monotonic and has no missing codes.
5.5 Interrupts
When the AIEN bit is set, the ADC module is capable of generating CPU
interrupts after each ADC conversion. A CPU interrupt is generated if the
COCO/IDMAS bit is at logic 0. If COCO/IDMAS bit is set, a DMA interrupt
is generated. The COCO/IDMAS bit is not used as a conversion
complete flag when interrupts are enabled.
5.6 Low-Power Modes
The WAIT and STOP instruction can put the MCU in low power-
consumption standby modes.
5.6.1 Wait Mode
The ADC continues normal operation during wait mode. Any enabled
CPU interrupt request from the ADC can bring the MCU out of wait
mode. If the ADC is not required to bring the MCU out of wait mode,
power down the ADC by setting ADCH4–ADCH0 bits in the ADC status
and control register before executing the WAIT instruction.
5.6.2 Stop Mode
The ADC module is inactive after the execution of a STOP instruction.
Any pending conversion is aborted. ADC conversions resume when the
MCU exits stop mode after an external interrupt. Allow one conversion
cycle to stabilize the analog circuitry.
5.7 I/O Signals
The ADC module has six pins shared with port B,
PTB5/AD5–PTB0/ATD0.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com