Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 70Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 71Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 72Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 73Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 74Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 75Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 76Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 77Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 408 page
background image
Resets and Interrupts
Technical Data
MC68HC908GR8 — Rev 4.0
74
Resets and Interrupts
MOTOROLA
•
Noise flag (NF) — NF is set when the SCI detects noise on
incoming data or break characters, including start, data, and stop
bits. The noise error interrupt enable bit, NEIE, enables NF to
generate SCI error CPU interrupt requests. NF is in SCI status
register 1. NEIE is in SCI control register 3.
•
Framing error bit (FE) — FE is set when a logic 0 occurs where the
receiver expects a stop bit. The framing error interrupt enable bit,
FEIE, enables FE to generate SCI error CPU interrupt requests.
FE is in SCI status register 1. FEIE is in SCI control register 3.
•
Parity error bit (PE) — PE is set when the SCI detects a parity error
in incoming data. The parity error interrupt enable bit, PEIE,
enables PE to generate SCI error CPU interrupt requests. PE is in
SCI status register 1. PEIE is in SCI control register 3.
4.4.2.9 KBD0–KBD4 Pins
A logic 0 on a keyboard interrupt pin latches an external interrupt
request.
4.4.2.10 ADC (Analog-to-Digital Converter)
When the AIEN bit is set, the ADC module is capable of generating a
CPU interrupt after each ADC conversion. The COCO/IDMAS bit is not
used as a conversion complete flag when interrupts are enabled.
4.4.2.11 TBM (Timebase Module)
The timebase module can interrupt the CPU on a regular basis with a
rate defined by TBR2–TBR0. When the timebase counter chain rolls
over, the TBIF flag is set. If the TBIE bit is set, enabling the timebase
interrupt, the counter chain overflow will generate a CPU interrupt
request.
Interrupts must be acknowledged by writing a logic 1 to the TACK bit.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com