Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 271 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 271 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 267Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 268Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 269Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 270Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 271Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 272Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 273Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 274Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 275Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 408 page
background image
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
System Integration Module (SIM)
271
Technical Data — MC68HC908GR8
Section 19. System Integration Module (SIM)
19.1 Contents
19.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 271
19.3
SIM Bus Clock Control and Generation . . . . . . . . . . . . . . . . . 275
19.4
Reset and System Initialization. . . . . . . . . . . . . . . . . . . . . . . . 276
19.5
SIM Counter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 281
19.6
Exception Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 282
19.7
Low-Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .290
19.8
SIM Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 293
19.2 Introduction
This section describes the system integration module (SIM). Together
with the CPU, the SIM controls all MCU activities. A block diagram of the
SIM is shown in Figure 19-1. Table 19-1 is a summary of the SIM
input/output (I/O) registers. The SIM is a system state controller that
coordinates CPU and exception timing. The SIM is responsible for:
•
Bus clock generation and control for CPU and peripherals:
–
Stop/wait/reset/break entry and recovery
–
Internal clock control
•
Master reset control, including power-on reset (POR) and COP
timeout
•
Interrupt control:
–
Acknowledge timing
–
Arbitration control timing
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com