Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 277 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 277 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 273Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 274Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 275Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 276Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 277Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 278Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 279Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 280Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 281Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 408 page
background image
System Integration Module (SIM)
Reset and System Initialization
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
System Integration Module (SIM)
277
An internal reset clears the SIM counter (see SIM Counter), but an
external reset does not. Each of the resets sets a corresponding bit in
the SIM reset status register (SRSR). See SIM Registers.
19.4.1 External Pin Reset
The RST pin circuit includes an internal pullup device. Pulling the
asynchronous RST pin low halts all processing. The PIN bit of the SIM
reset status register (SRSR) is set as long as RST is held low for a
minimum of 67 CGMXCLK cycles, assuming that neither the POR nor
the LVI was the source of the reset. See Table 19-2 for details. Figure
19-4 shows the relative timing.
Figure 19-4. External Reset Timing
19.4.2 Active Resets from Internal Sources
All internal reset sources actively pull the RST pin low for 32 CGMXCLK
cycles to allow resetting of external peripherals. The internal reset signal
IRST continues to be asserted for an additional 32 cycles. See Figure
19-5. An internal reset can be caused by an illegal address, illegal
opcode, COP timeout, LVI, or POR. See Figure 19-6.
NOTE:
For LVI or POR resets, the SIM cycles through 4096 CGMXCLK cycles
during which the SIM forces the RST pin low. The internal reset signal
Table 19-2. PIN Bit Set Timing
Reset Type
Number of Cycles Required to Set PIN
POR/LVI
4163 (4096 + 64 + 3)
All others
67 (64 + 3)
RST
IAB
PC
VECT H VECT L
CGMOUT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com