Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 312 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 312 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 308Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 309Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 310Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 311Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 312Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 313Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 314Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 315Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 316Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 408 page
background image
Serial Peripheral Interface (SPI)
Technical Data
MC68HC908GR8 — Rev 4.0
312
Serial Peripheral Interface (SPI)
MOTOROLA
Figure 20-10. Clearing SPRF When OVRF Interrupt Is Not Enabled
20.8.2 Mode Fault Error
Setting the SPMSTR bit selects master mode and configures the
SPSCK and MOSI pins as outputs and the MISO pin as an input.
Clearing SPMSTR selects slave mode and configures the SPSCK and
MOSI pins as inputs and the MISO pin as an output. The mode fault bit,
MODF, becomes set any time the state of the slave select pin, SS, is
inconsistent with the mode selected by SPMSTR.
To prevent SPI pin contention and damage to the MCU, a mode fault
error occurs if:
•
The SS pin of a slave SPI goes high during a transmission
•
The SS pin of a master SPI goes low at any time
For the MODF flag to be set, the mode fault error enable bit (MODFEN)
must be set. Clearing the MODFEN bit does not clear the MODF flag but
does prevent MODF from being set again after MODF is cleared.
READ
READ
OVRF
SPRF
BYTE 1
BYTE 2
BYTE 3
BYTE 4
1
BYTE 1 SETS SPRF BIT.
CPU READS SPSCR WITH SPRF BIT SET
CPU READS BYTE 1 IN SPDR,
CPU READS SPSCR AGAIN
BYTE 2 SETS SPRF BIT.
CPU READS SPSCR WITH SPRF BIT SET
BYTE 3 SETS OVRF BIT. BYTE 3 IS LOST.
CPU READS BYTE 2 IN SPDR,
CPU READS SPSCR AGAIN
CPU READS BYTE 2 SPDR,
BYTE 4 SETS SPRF BIT.
CPU READS SPSCR.
CPU READS BYTE 4 IN SPDR,
CPU READS SPSCR AGAIN
1
2
3
CLEARING SPRF BIT.
4
TO CHECK OVRF BIT.
5
6
7
8
9
CLEARING SPRF BIT.
TO CHECK OVRF BIT.
10
CLEARING OVRF BIT.
11
12
13
14
2
3
4
5
6
7
8
9
10
11
12
13
14
CLEARING SPRF BIT.
TO CHECK OVRF BIT.
SPI RECEIVE
COMPLETE
AND OVRF BIT CLEAR.
AND OVRF BIT CLEAR.
SPSCR
SPDR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com