Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 340 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 340 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 336Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 337Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 338Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 339Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 340Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 341Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 342Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 343Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 344Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 408 page
background image
Timer Interface Module (TIM)
Technical Data
MC68HC908GR8 — Rev 4.0
340
Timer Interface Module (TIM)
MOTOROLA
22.5.1 TIM Counter Prescaler
The TIM clock source can be one of the seven prescaler outputs or the
TIM clock pin, TCLK. The prescaler generates seven clock rates from
the internal bus clock. The prescaler select bits, PS[2:0], in the TIM
status and control register select the TIM clock source.
$002D
Timer 2 Counter Register
Low (T2CNTL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$002E
Timer 2 Counter Modulo
Register High (T2MODH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
11111111
$002F
Timer 2 Counter Modulo
Register Low (T2MODL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
11111111
$0030
Timer 2 Channel 0 Status
and Control Register
(T2SC0)
Read:
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
TOV0
CH0MAX
Write:
0
Reset:
00000000
$0031
Timer 2 Channel 0
Register High (T2CH0H)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
Indeterminate after reset
$0032
Timer 2 Channel 0
Register Low (T2CH0L)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
Indeterminate after reset
$0033
Unimplemented
Read:
Write:
Reset:
00000000
$0034
Unimplemented
Read:
Write:
Reset:
Indeterminate after reset
$0035
Unimplemented
Read:
Write:
Reset:
Indeterminate after reset
Addr.
Register Name
Bit 7
654321
Bit 0
= Unimplemented
Figure 22-2. TIM I/O Register Summary (Sheet 2 of 2)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com