Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 157 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 157 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 153Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 154Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 155Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 156Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 157Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 158Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 159Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 160Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 161Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 408 page
background image
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Flash Memory
157
Technical Data — MC68HC908GR8
Section 11. Flash Memory
11.1 Contents
11.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 157
11.3
Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 157
11.4
FLASH Control Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . .159
11.5
FLASH Page Erase Operation . . . . . . . . . . . . . . . . . . . . . . . . 160
11.6
FLASH Mass Erase Operation . . . . . . . . . . . . . . . . . . . . . . . . 161
11.7
FLASH Program/Read Operation . . . . . . . . . . . . . . . . . . . . . .162
11.8
FLASH Block Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . .163
11.9
Wait Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 166
11.10 STOP Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 166
11.2 Introduction
This section describes the operation of the embedded FLASH memory.
This memory can be read, programmed, and erased from a single
external supply. The program, erase, and read operations are enabled
through the use of an internal charge pump.
11.3 Functional Description
The FLASH memory is an array of 7,680 bytes for the MC68HC908GR8
or 4,096 bytes for the MC68HC908GR4 with an additional 36 bytes of
user vectors and one byte used for block protection. An erased bit reads
as logic 1 and a programmed bit reads as a logic 0. The program and
erase operations are facilitated through control bits in the Flash Control
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com