Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 166 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 166 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 162Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 163Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 164Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 165Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 166Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 167Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 168Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 169Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 170Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 408 page
background image
Flash Memory
Technical Data
MC68HC908GR8 — Rev 4.0
166
Flash Memory
MOTOROLA
Examples of protect start address:
11.9 Wait Mode
Putting the MCU into wait mode while the FLASH is in read mode does
not affect the operation of the FLASH memory directly, but there will not
be any memory activity since the CPU is inactive.
The WAIT instruction should not be executed while performing a
program or erase operation on the FLASH, otherwise the operation will
discontinue, and the FLASH will be on Standby Mode.
11.10 STOP Mode
Putting the MCU into stop mode while the FLASH is in read mode does
not affect the operation of the FLASH memory directly, but there will not
be any memory activity since the CPU is inactive.
The STOP instruction should not be executed while performing a
program or erase operation on the FLASH, otherwise the operation will
discontinue, and the FLASH will be on Standby Mode
NOTE:
Standby Mode is the power saving mode of the FLASH module in which
all internal control signals to the FLASH are inactive and the current
consumption of the FLASH is at a minimum.
Table 11-1. Examples of protect start address:
BPR[7:0]
Start of Address of Protect Range
$80
The entire FLASH memory is protected.
$81 (1000 0001)
$E040 (1110 0000 0100 0000)
$82 (1000 0010)
$E080 (1110 0000 1000 0000)
and so on...
$FE (1111 1110)
$FF80 (1111 1111 1000 0000)
$FF
The entire FLASH memory is not protected.
Note:
The end address of the protected range is always $FFFF.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com