Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 175 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 175 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 171Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 172Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 173Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 174Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 175Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 176Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 177Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 178Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 408 page
background image
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Keyboard Interrupt (KBI)
175
Technical Data — MC68HC908GR8
Section 13. Keyboard Interrupt (KBI)
13.1 Contents
13.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175
13.3
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175
13.4
Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 176
13.5
Keyboard Initialization. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 179
13.6
Low-Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .180
13.7
Keyboard Module During Break Interrupts . . . . . . . . . . . . . . .180
13.8
I/O Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 181
13.2 Introduction
The keyboard interrupt module (KBI) provides four independently
maskable external interrupts.
13.3 Features
•
Four keyboard interrupt pins with separate keyboard interrupt
enable bits and one keyboard interrupt mask
•
Hysteresis buffers
•
Programmable edge-only or edge- and level- interrupt sensitivity
•
Exit from low-power modes
•
I/O (input/output) port bit(s) software configurable with pullup
device(s) if configured as input port bit(s)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com