Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB201X Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # CYUSB201X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB201X Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button CYUSB201X Datasheet HTML 30Page - Cypress Semiconductor CYUSB201X Datasheet HTML 31Page - Cypress Semiconductor CYUSB201X Datasheet HTML 32Page - Cypress Semiconductor CYUSB201X Datasheet HTML 33Page - Cypress Semiconductor CYUSB201X Datasheet HTML 34Page - Cypress Semiconductor CYUSB201X Datasheet HTML 35Page - Cypress Semiconductor CYUSB201X Datasheet HTML 36Page - Cypress Semiconductor CYUSB201X Datasheet HTML 37Page - Cypress Semiconductor CYUSB201X Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 34 of 45
Table 13. I2C Timing Parameters[9]
Parameter
Description
Min
Max
Units
I2C Standard Mode Parameters
fSCL
SCL clock frequency
0
100
kHz
tHD:STA
Hold time START condition
4
–
µs
tLOW
LOW period of the SCL
4.7
–
µs
tHIGH
HIGH period of the SCL
4
–
µs
tSU:STA
Setup time for a repeated START condition
4.7
–
µs
tHD:DAT
Data hold time
0
–
µs
tSU:DAT
Data setup time
250
–
ns
tr
Rise time of both SDA and SCL signals
–
1000
ns
tf
Fall time of both SDA and SCL signals
–
300
ns
tSU:STO
Setup time for STOP condition
4
–
µs
tBUF
Bus free time between a STOP and START condition
4.7
–
µs
tVD:DAT
Data valid time
–
3.45
µs
tVD:ACK
Data valid ACK
–
3.45
µs
tSP
Pulse width of spikes that must be suppressed by input filter
n/a
n/a
I2C Fast Mode Parameters
fSCL
SCL clock frequency
0
400
kHz
tHD:STA
Hold time START condition
0.6
–
µs
tLOW
LOW period of the SCL
1.3
–
µs
tHIGH
HIGH period of the SCL
0.6
–
µs
tSU:STA
Setup time for a repeated START condition
0.6
–
µs
tHD:DAT
Data hold time
0
–
µs
tSU:DAT
Data setup time
100
–
ns
tr
Rise time of both SDA and SCL signals
–
300
ns
tf
Fall time of both SDA and SCL signals
–
300
ns
tSU:STO
Setup time for STOP condition
0.6
–
µs
tBUF
Bus free time between a STOP and START condition
1.3
–
µs
tVD:DAT
Data valid time
–
0.9
µs
tVD:ACK
Data valid ACK
–
0.9
µs
tSP
Pulse width of spikes that must be suppressed by input filter
0
50
ns
Note
9. All parameters guaranteed by design and validated through characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com