Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB201X Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # CYUSB201X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB201X Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button CYUSB201X Datasheet HTML 37Page - Cypress Semiconductor CYUSB201X Datasheet HTML 38Page - Cypress Semiconductor CYUSB201X Datasheet HTML 39Page - Cypress Semiconductor CYUSB201X Datasheet HTML 40Page - Cypress Semiconductor CYUSB201X Datasheet HTML 41Page - Cypress Semiconductor CYUSB201X Datasheet HTML 42Page - Cypress Semiconductor CYUSB201X Datasheet HTML 43Page - Cypress Semiconductor CYUSB201X Datasheet HTML 44Page - Cypress Semiconductor CYUSB201X Datasheet HTML 45Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 41 of 45
Ordering Information
Ordering Code Definitions
Table 17. Ordering Information
Ordering Code
SRAM (kB)
GPIF II Data Bus Width
Operating Temperature
Package Type
CYUSB3011-BZXC
256
16-bit
0 °C to +70 °C
121-ball BGA
CYUSB3012-BZXC
256
32-bit
0 °C to +70 °C
121-ball BGA
CYUSB3013-BZXC
512
16-bit
0 °C to +70 °C
121-ball BGA
CYUSB3014-BZXC
512
32-bit
0 °C to +70 °C
121-ball BGA
CYUSB3014-BZXI
512
32-bit
–40°C to +85°C
121-ball BGA
CYUSB3014-FBXCT
512
32-bit
0 °C to +70 °C
131-ball CSP
CYUSB3014-FBXIT
512
32-bit
–40 °C to +85 °C
131-ball CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com