Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB201X Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # CYUSB201X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB201X Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button CYUSB201X Datasheet HTML 23Page - Cypress Semiconductor CYUSB201X Datasheet HTML 24Page - Cypress Semiconductor CYUSB201X Datasheet HTML 25Page - Cypress Semiconductor CYUSB201X Datasheet HTML 26Page - Cypress Semiconductor CYUSB201X Datasheet HTML 27Page - Cypress Semiconductor CYUSB201X Datasheet HTML 28Page - Cypress Semiconductor CYUSB201X Datasheet HTML 29Page - Cypress Semiconductor CYUSB201X Datasheet HTML 30Page - Cypress Semiconductor CYUSB201X Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 27 of 45
Slave FIFO Interface
Synchronous Slave FIFO Sequence Description
■ FIFO address is stable and SLCS is asserted
■ SLOE is asserted. SLOE is an output-enable only, whose sole
function is to drive the data bus.
■ SLRD is asserted
■ The FIFO pointer is updated on the rising edge of the PCLK,
while the SLRD is asserted. This starts the propagation of data
from the newly addressed location to the data bus. After a
propagation delay of tco (measured from the rising edge of
PCLK), the new data value is present. N is the first data value
read from the FIFO. To have data on the FIFO data bus, SLOE
must also be asserted.
The same sequence of events is shown for a burst read.
Note For burst mode, the SLRD# and SLOE# are asserted
during the entire duration of the read. When SLOE# is asserted,
the data bus is driven (with data from the previously addressed
FIFO). For each subsequent rising edge of PCLK, while the
SLRD# is asserted, the FIFO pointer is incremented and the next
data value is placed on the data bus.
Figure 12. Synchronous Slave FIFO Read Mode
Synchronous Read Cycle Timing
PCLK
FIFO ADDR
tCYC
tCH
tCL
tAS
SLCS
SLRD
tRDS tRDH
SLOE
FLAGA
(dedicated thread Flag for An)
( 1 = Not Empty0= Empty)
tOELZ
Data Out
High-Z
Data
driven:DN(An)
tCDH
tOEZ
tOEZ
3- cycle latency
from addr to data
tCO
tOELZ
An
Am
DN+1(An)
DN(Am)
DN+1(Am) DN+2(Am)
SLWR (HIGH)
tAH
FLAGB
(dedicated thread Flag for Am)
( 1 = Not Empty0= Empty)
2-cycle latency
from SLRD to data
tCFLG
tCFLG
2 cycle latency from
SLRD to FLAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com