Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB201X Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYUSB201X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB201X Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYUSB201X Datasheet HTML 6Page - Cypress Semiconductor CYUSB201X Datasheet HTML 7Page - Cypress Semiconductor CYUSB201X Datasheet HTML 8Page - Cypress Semiconductor CYUSB201X Datasheet HTML 9Page - Cypress Semiconductor CYUSB201X Datasheet HTML 10Page - Cypress Semiconductor CYUSB201X Datasheet HTML 11Page - Cypress Semiconductor CYUSB201X Datasheet HTML 12Page - Cypress Semiconductor CYUSB201X Datasheet HTML 13Page - Cypress Semiconductor CYUSB201X Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 10 of 45
32-kHz Watchdog Timer Clock Input
FX3 includes a watchdog timer. The watchdog timer can be used
to interrupt the ARM926EJ-S core, automatically wake up the
FX3 in Standby mode, and reset the ARM926EJ-S core. The
watchdog timer runs a 32-kHz clock, which may be optionally
supplied from an external source on a dedicated FX3 pin.
The firmware can disable the watchdog timer.
Requirements for the optional 32-kHz clock input are listed in
Table 5.
Power
FX3 has the following power supply domains:
■ IO_VDDQ: This is a group of independent supply domains for
digital I/Os. The voltage level on these supplies is 1.8 V to 3.3 V.
FX3 provides six independent supply domains for digital I/Os
listed as follows (see Table 7 for details on each of the power
domain signals):
❐ VIO1: GPIF II I/O
❐ VIO2: IO2
❐ VIO3: IO3
❐ VIO4: UART-/SPI/I
2S
❐ VIO5: I
2C and JTAG (supports 1.2 V to 3.3 V)
❐ CVDDQ: Clock
❐ VDD: This is the supply voltage for the logic core. The nominal
supply-voltage level is 1.2 V. This supplies the core logic
circuits. The same supply must also be used for the following:
• AVDD: This is the 1.2-V supply for the PLL, crystal oscilla-
tor, and other core analog circuits
•
U3TXVDDQ/U3RXVDDQ: These are the 1.2-V supply volt-
ages for the USB 3.0 interface.
■ VBATT/VBUS: This is the 3.2-V to 6-V battery power supply
for the USB I/O and analog circuits. This supply powers the
USB transceiver through FX3's internal voltage regulator.
VBATT is internally regulated to 3.3 V.
Power Modes
FX3 supports the following power modes:
■ Normal mode: This is the full-functional operating mode. The
internal CPU clock and the internal PLLs are enabled in this
mode.
❐ Normal operating power consumption does not exceed the
sum of ICC Core max and ICC USB max (see Table 7 for
current consumption specifications).
❐ The I/O power supplies VIO2, VIO3, VIO4, and VIO5 can be
turned off when the corresponding interface is not in use.
VIO1 cannot be turned off at any time if the GPIF II interface
is used in the application.
■ Low-power modes (see Table 6 on page 11):
❐ Suspend mode with USB 3.0 PHY enabled (L1)
❐ Suspend mode with USB 3.0 PHY disabled (L2)
❐ Standby mode (L3)
❐ Core power-down mode (L4)
Table 4. FX3 Input Clock Specifications
Parameter
Description
Specification
Units
Min
Max
Phase noise
100-Hz offset
–
–75
dB
1- kHz offset
–
–104
dB
10-kHz offset
–
–120
dB
100-kHz offset
–
–128
dB
1-MHz offset
–
–130
dB
Maximum frequency deviation
–
150
ppm
Duty cycle
30
70
%
Overshoot
–
3
%
Undershoot
–
–3
%
Rise time/fall time
–
3
ns
Table 5. 32-kHz Clock Input Requirements
Parameter
Min
Max
Units
Duty cycle
40
60
%
Frequency deviation
–
±200
ppm
Rise time/fall time
–
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com