| Electronic Components Datasheet Search |
|
CYUSB201X Datasheet(PDF) 12 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CYUSB201X Datasheet(HTML) 12 Page - Cypress Semiconductor |
|
12 / 45 page ![]() CYUSB301X Document Number: 001-52136 Rev. *N Page 12 of 45 Standby Mode (L3) ■ The power consumption in this mode does not exceed ISB3 ■ All configuration register settings and program/data RAM contents are preserved. However, data in the buffers or other parts of the data path, if any, is not guaranteed. Therefore, the external processor should take care that the data needed is read before putting FX3 into this Standby Mode ■ The program counter is reset after waking up from Standby ■ GPIO pins maintain their configuration ■ Crystal oscillator is turned off ■ Internal PLL is turned off ■ USB transceiver is turned off ■ ARM926EJ-S core is powered down. Upon wakeup, the core re-starts and runs the program stored in the program/data RAM ■ Power supply for the wakeup source and core power must be retained. All other power domains can be turned on/off individually ■ Firmware executing on ARM926EJ-S core or external processor configures the appropriate register ■ Detection of VBUS ■ Level detect on UART_CTS (Programmable Polarity) ■ GPIF II interface assertion of CTL[0] ■ Assertion of RESET# Core Power Down Mode (L4) ■ The power consumption in this mode does not exceed ISB4 ■ Core power is turned off ■ All buffer memory, configuration registers, and the program RAM do not maintain state. After exiting this mode, reload the firmware ■ In this mode, all other power domains can be turned on/off individually ■ Turn off VDD ■ Reapply VDD ■ Assertion of RESET# Table 6. Entry and Exit Methods for Low-Power Modes (continued) Low-Power Mode Characteristics Methods of Entry Methods of Exit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |