Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB201X Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # CYUSB201X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB201X Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button CYUSB201X Datasheet HTML 22Page - Cypress Semiconductor CYUSB201X Datasheet HTML 23Page - Cypress Semiconductor CYUSB201X Datasheet HTML 24Page - Cypress Semiconductor CYUSB201X Datasheet HTML 25Page - Cypress Semiconductor CYUSB201X Datasheet HTML 26Page - Cypress Semiconductor CYUSB201X Datasheet HTML 27Page - Cypress Semiconductor CYUSB201X Datasheet HTML 28Page - Cypress Semiconductor CYUSB201X Datasheet HTML 29Page - Cypress Semiconductor CYUSB201X Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 26 of 45
Table 10. GPIF II Timing in Asynchronous Mode[5, 6]
Note The following parameters assume one state transition
Parameter
Description
Min
Max
Units
tDS
Data In to DLE setup time. Valid in DDR async mode.
2.3
–
ns
tDH
Data In to DLE hold time. Valid in DDR async mode.
2
–
ns
tAS
Address In to ALE setup time
2.3
–
ns
tAH
Address In to ALE hold time
2
–
ns
tCTLassert
CTL I/O asserted width for CTRL inputs without DQ input association
and for outputs.
7
–
ns
tCTLdeassert
CTL I/O deasserted width for CTRL inputs without DQ input associ-
ation and for outputs.
7
–
ns
tCTLassert_DQassert
CTL asserted pulse width for CTL inputs that signify DQ inputs valid
at the asserting edge but do not employ in-built latches (ALE/DLE) for
those DQ inputs.
20
–
ns
tCTLdeassert_DQassert
CTL deasserted pulse width for CTL inputs that signify DQ input valid
at the asserting edge but do not employ in-built latches (ALE/DLE) for
those DQ inputs.
7
–
ns
tCTLassert_DQdeassert
CTL asserted pulse width for CTL inputs that signify DQ inputs valid
at the deasserting edge but do not employ in-built latches (ALE/DLE)
for those DQ inputs.
7
–
ns
tCTLdeassert_DQdeassert
CTL deasserted pulse width for CTL inputs that signify DQ inputs valid
at the deasserting edge but do not employ in-built latches (ALE/DLE)
for those DQ inputs.
20
–
ns
tCTLassert_DQlatch
CTL asserted pulse width for CTL inputs that employ in-built latches
(ALE/DLE) to latch the DQ inputs. In this non-DDR case, in-built
latches are always close at the deasserting edge.
7
–
ns
tCTLdeassert_DQlatch
CTL deasserted pulse width for CTL inputs that employ in-built latches
(ALE/DLE) to latch the DQ inputs. In this non-DDR case, in-built
latches always close at the deasserting edge.
10
–
ns
tCTLassert_DQlatchDDR
CTL asserted pulse width for CTL inputs that employ in-built latches
(DLE) to latch the DQ inputs in DDR mode.
10
–
ns
tCTLdeassert_DQlatchDDR
CTL deasserted pulse width for CTL inputs that employ in-built latches
(DLE) to latch the DQ inputs in DDR mode.
10
–
ns
tAA
DQ/CTL input to DQ output time when DQ change or CTL change
needs to be detected and affects internal updates of input and output
DQ lines.
–
30
ns
tDO
CTL to data out when the CTL change merely enables the output flop
update whose data was already established.
–
25
ns
tOELZ
CTL designated as OE to low-Z. Time when external devices should
stop driving data.
0
–
ns
tOEHZ
CTL designated as OE to high-Z
8
8
ns
tCLZ
CTL (non-OE) to low-Z. Time when external devices should stop
driving data.
0
–
ns
tCHZ
CTL (non-OE) to high-Z
30
30
ns
tCTLalpha
CTL to alpha change at output
–
25
ns
tCTLbeta
CTL to beta change at output
–
30
ns
tDST
Addr/data setup when DLE/ALE not used
2
–
ns
tDHT
Addr/data hold when DLE/ALE not used
20
–
ns
Notes
5. All parameters guaranteed by design and validated through characterization.
6. "alpha" output corresponds to "early output" and "beta" corresponds to "delayed output". Please refer to the GPIFII Designer Tool for the use of these outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com