Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3062JFHTFP Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M3062JFHTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062JFHTFP Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M3062JFHTFP Datasheet HTML 34Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 35Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 36Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 37Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 38Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 39Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 40Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 41Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
4. Special Function Register (SFR)
Rev.2.41
Jan 10, 2006
Page 36 of 96
REJ03B0001-0241
NOTES:
1.
The blank areas are reserved and cannot be accessed by users.
2.
This register is included in the flash memory version.
X : Nothing is mapped to this bit
Table 4.3
SFR Information (3) (1)
Address
Register
Symbol
After Reset
0080h
0081h
0082h
0083h
0084h
0085h
0086h
0087h
to
01AFh
01B0h
01B1h
01B2h
01B3h
01B4h
Flash Identification Register (2)
FIDR
XXXXXX00b
01B5h
Flash Memory Control Register 1 (2)
FMR1
0X00XX0Xb
01B6h
01B7h
Flash Memory Control Register 0 (2)
FMR0
00000001b
01B8h
Address Match Interrupt Register 2
RMAD2
00h
01B9h
00h
01BAh
XXh
01BBh
Address Match Interrupt Enable Register 2
AIER2
XXXXXX00b
01BCh
Address Match Interrupt Register 3
RMAD3
00h
01BDh
00h
01BEh
XXh
01C0h
to
024Fh
0250h
0251h
0252h
0253h
0254h
0255h
0256h
0257h
0258h
0259h
025Ah
025Bh
025Ch
025Dh
025Eh
Peripheral Clock Select Register
PCLKR
00000011b
025Fh
0260h
to
032Fh
0330h
0331h
0332h
0333h
0334h
0335h
0336h
0337h
0338h
0339h
033Ah
033Bh
033Ch
033Dh
033Eh
033Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com