Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3062JFHTFP Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # M3062JFHTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062JFHTFP Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button M3062JFHTFP Datasheet HTML 36Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 37Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 38Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 39Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 40Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 41Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 42Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 43Page - Renesas Technology Corp M3062JFHTFP Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
4. Special Function Register (SFR)
Rev.2.41
Jan 10, 2006
Page 38 of 96
REJ03B0001-0241
NOTES:
1.
The blank areas are reserved and cannot be accessed by users.
2.
Bit 5 in the Up-down flag is “0” by reset. However, The values in these bits when read are indeterminate.
X : Nothing is mapped to this bit
Table 4.5
SFR Information (5) (1)
Address
Register
Symbol
After Reset
0380h
Count Start Flag
TABSR
00h
0381h
Clock Prescaler Reset Fag
CPSRF
0XXXXXXXb
0382h
One-Shot Start Flag
ONSF
00h
0383h
Trigger Select Register
TRGSR
00h
0384h
Up-Down Flag
UDF
00h (2)
0385h
0386h
Timer A0 Register
TA0
XXh
0387h
XXh
0388h
Timer A1 Register
TA1
XXh
0389h
XXh
038Ah
Timer A2 Register
TA2
XXh
038Bh
XXh
038Ch
Timer A3 Register
TA3
XXh
038Dh
XXh
038Eh
Timer A4 Register
TA4
XXh
038Fh
XXh
0390h
Timer B0 Register
TB0
XXh
0391h
XXh
0392h
Timer B1 Register
TB1
XXh
0393h
XXh
0394h
Timer B2 Register
TB2
XXh
0395h
XXh
0396h
Timer A0 Mode Register
TA0MR
00h
0397h
Timer A1 Mode Register
TA1MR
00h
0398h
Timer A2 Mode Register
TA2MR
00h
0399h
Timer A3 Mode Register
TA3MR
00h
039Ah
Timer A4 Mode Register
TA4MR
00h
039Bh
Timer B0 Mode Register
TB0MR
00XX0000b
039Ch
Timer B1 Mode Register
TB1MR
00XX0000b
039Dh
Timer B2 Mode Register
TB2MR
00XX0000b
039Eh
Timer B2 Special Mode Register
TB2SC
XXXXXX00b
039Fh
03A0h
UART0 Transmit/Receive Mode Register
U0MR
00h
03A1h
UART0 Bit Rate Generator
U0BRG
XXh
03A2h
UART0 Transmit Buffer Register
U0TB
XXh
03A3h
XXh
03A4h
UART0 Transmit/Receive Control Register 0
U0C0
00001000b
03A5h
UART0 Transmit/Receive Control Register 1
U0C1
00XX0010b
03A6h
UART0 Receive Buffer Register
U0RB
XXh
03A7h
XXh
03A8h
UART1 Transmit/Receive Mode Register
U1MR
00h
03A9h
UART1 Bit Rate Generator
U1BRG
XXh
03AAh
UART1 Transmit Buffer Register
U1TB
XXh
03ABh
XXh
03ACh
UART1 Transmit/Receive Control Register 0
U1C0
00001000b
03ADh
UART1 Transmit/Receive Control Register 1
U1C1
00XX0010b
03AEh
UART1 Receive Buffer Register
U1RB
XXh
03AFh
XXh
03B0h
UART Transmit/Receive Control Register 2
UCON
X0000000b
03B1h
03B2h
03B3h
03B4h
03B5h
03B6h
03B7h
03B8h
DMA0 Request Factor Select Register
DM0SL
00h
03B9h
03BAh
DMA1 Request Factor Select Register
DM1SL
00h
03BBh
03BCh
CRC Data Register
CRCD
XXh
03BDh
XXh
03BEh
CRC Input Register
CRCIN
XXh
03BFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com