Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C78-HT Datasheet(PDF) 45 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 45 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 41Page - Microchip Technology FDC37C78-HT Datasheet HTML 42Page - Microchip Technology FDC37C78-HT Datasheet HTML 43Page - Microchip Technology FDC37C78-HT Datasheet HTML 44Page - Microchip Technology FDC37C78-HT Datasheet HTML 45Page - Microchip Technology FDC37C78-HT Datasheet HTML 46Page - Microchip Technology FDC37C78-HT Datasheet HTML 47Page - Microchip Technology FDC37C78-HT Datasheet HTML 48Page - Microchip Technology FDC37C78-HT Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
45
At the completion of the Read Data command, the
head is not unloaded until after the Head Unload
Time Interval (specified in the Specify command)
has elapsed. If the host issues another command
before the head unloads, then the head settling
time may be saved between subsequent reads.
If the FDC detects a pulse on the nINDEX pin
twice without finding the specified sector (meaning
that the diskette's index hole passes through index
detect logic in the drive twice), the FDC sets the IC
code in Status Register 0 to "01" indicating
abnormal termination, sets the ND bit in Status
Register 1 to "1" indicating a sector not found, and
terminates the Read Data Command.
After reading the ID and Data Fields in each
sector, the FDC checks the CRC bytes. If a
CRC error occurs in the ID or data field, the FDC
sets the IC code in Status Register 0 to "01"
indicating abnormal termination, sets the DE bit
flag in Status Register 1 to "1", sets the DD bit in
Status Register 2 to "1" if CRC is incorrect in the
ID
field,
and
terminates
the
Read
Data
Command. Table 22 describes the effect of the
SK bit on the
Read Data command execution
and results.
Except where noted in Table 22,
the
C
or
R
value of the sector address is
automatically incremented (see Table 24).
Table 21 - Effects of MT and N Bits
MT
N
MAXIMUM TRANSFER
CAPACITY
FINAL SECTOR READ
FROM DISK
0
1
0
1
0
1
1
1
2
2
3
3
256 x 26 = 6,656
256 x 52 = 13,312
512 x 15 = 7,680
512 x 30 = 15,360
1024 x 8 = 8,192
1024 x 16 = 16,384
26 at side 0 or 1
26 at side 1
15 at side 0 or 1
15 at side 1
8 at side 0 or 1
16 at side 1
Table 22 - Skip Bit vs Read Data Command
DATA ADDRESS
RESULTS
SK BIT
VALUE
MARK TYPE
ENCOUNTERED
SECTOR
READ?
CM BIT OF
ST2 SET?
DESCRIPTION OF
RESULTS
0
0
1
1
Normal Data
Deleted Data
Normal Data
Deleted Data
Yes
Yes
Yes
No
No
Yes
No
Yes
Normal
termination.
Address not
incremented. Next
sector not
searched for.
Normal
termination.
Normal
termination. Sector
not read
("skipped").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com