Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C78-HT Datasheet(PDF) 81 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 81 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 74Page - Microchip Technology FDC37C78-HT Datasheet HTML 75Page - Microchip Technology FDC37C78-HT Datasheet HTML 76Page - Microchip Technology FDC37C78-HT Datasheet HTML 77Page - Microchip Technology FDC37C78-HT Datasheet HTML 78Page - Microchip Technology FDC37C78-HT Datasheet HTML 79Page - Microchip Technology FDC37C78-HT Datasheet HTML 80Page - Microchip Technology FDC37C78-HT Datasheet HTML 81Page - Microchip Technology FDC37C78-HT Datasheet HTML 82Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
81
MIN
NOMINAL
MAX
REMARK
ccc
~
~
0.0762
Coplanarity (Assemblers)
ccc
~
~
0.08
Coplanarity (Test House)
Note 1: Controlling Unit: millimeter
Note 2:Tolerance on the position of the leads is ± 0.04 mm maximum.
Note 3:Package body dimensions D1 and E1 do not include the mold protrusion.
Maximum mold
protrusion is 0.25 mm.
Note 4:Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane is 0.78-
1.08 mm.
Note 5: Details of pin 1 identifier are optional but must be located within the zone indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com