Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C78-HT Datasheet(PDF) 66 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 66 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 62Page - Microchip Technology FDC37C78-HT Datasheet HTML 63Page - Microchip Technology FDC37C78-HT Datasheet HTML 64Page - Microchip Technology FDC37C78-HT Datasheet HTML 65Page - Microchip Technology FDC37C78-HT Datasheet HTML 66Page - Microchip Technology FDC37C78-HT Datasheet HTML 67Page - Microchip Technology FDC37C78-HT Datasheet HTML 68Page - Microchip Technology FDC37C78-HT Datasheet HTML 69Page - Microchip Technology FDC37C78-HT Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
66
CR02
This register can only be accessed in the Configuration Mode and after the CSR has been initialized
to 02H. The default value of this register after power up is 00H.
Table 36 - CR02
BIT NO.
BIT NAME
DESCRIPTION
0:7
Reserved
Read Only. A read returns a 0.
CR03
This
register
can
only be accessed in the Configuration Mode and the CSR has been initialized
to 03H. The default value after power up is 70H.
Table 37 - CR03
BIT NO.
BIT NAME
DESCRIPTION
0
Reserved
Reserved - Read as zero
1
Enhanced
Floppy Mode
2
Bit 1
Floppy Mode - Refer to the description of the TAPE
DRIVE REGISTER (TDR) for more information on these
modes.
0
NORMAL Floppy Mode (Default)
1
Enhanced Floppy Mode 2 (OS2)
2
Reserved
Reserved - Read as zero
3
Reserved
Reserved - Read as zero
4
DRVDEN1
0
DRVDEN 1 output as per DRVDEN table
1
DRVDEN 1 pin is tri-state (default)
5
MFM
IDENT is used in conjunction with MFM to define the interface mode of
operation.
6
IDENT
IDENT
1
1
0
0
MFM
1
0
1
0
MODE
AT Mode (Default)
Reserved
Reserved
Reserved
7
Reserved
Reserved - Read as zero
CR04
This register can
only be accessed in the Configuration Mode and the CSR has been initialized
to 04H. The default value after power up is 00H.
Table 38 - CR04
BIT NO.
BIT NAME
DESCRIPTION
0:7
Reserved
Reserved - Read as zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com