Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C78-HT Datasheet(PDF) 53 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 53 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 49Page - Microchip Technology FDC37C78-HT Datasheet HTML 50Page - Microchip Technology FDC37C78-HT Datasheet HTML 51Page - Microchip Technology FDC37C78-HT Datasheet HTML 52Page - Microchip Technology FDC37C78-HT Datasheet HTML 53Page - Microchip Technology FDC37C78-HT Datasheet HTML 54Page - Microchip Technology FDC37C78-HT Datasheet HTML 55Page - Microchip Technology FDC37C78-HT Datasheet HTML 56Page - Microchip Technology FDC37C78-HT Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
53
Table 28 - Drive Control Delays (ms)
HUT
SRT
2M
1M
500K
300K
250K
2M
1M
500K
300K
250K
0
1
..
E
F
64
4
..
56
60
128
8
..
112
120
256
16
..
224
240
426
26.7
..
373
400
512
32
..
448
480
4
3.75
..
0.5
0.25
8
7.5
..
1
0.5
16
15
..
2
1
26.7
25
..
3.33
1.67
32
30
..
4
2
HLT
2M
1M
500K
300K
250K
00
01
02
..
7F
7F
64
0.5
1
..
63
63.5
128
1
2
..
126
127
256
2
4
..
252
254
426
3.3
6.7
..
420
423
512
4
8
.
504
508
The choice of DMA or non-DMA operations is
made by the ND bit. When this bit is "1", the non-
DMA mode is selected, and when ND is "0", the
DMA mode is selected.
In DMA mode, data
transfers are signalled by the FDRQ pin. Non-
DMA mode uses the RQM bit and the FINT pin to
signal data transfers.
Configure
The Configure command is issued to select the
special features of the FDC.
A Configure
command need not be issued if the default values
of the FDC meet the system requirements.
Configure Default Values:
EIS - No Implied Seeks
EFIFO - FIFO Disabled
POLL - Polling Enabled
FIFOTHR - FIFO Threshold Set to 1 Byte
PRETRK - Pre-Compensation Set to Track 0
EIS - Enable Implied Seek. When set to "1", the
FDC will perform a Seek operation before
executing a read or write command. Defaults to
no implied seek.
EFIFO - A "1" disables the FIFO (default). This
means data transfers are asked for on a byte-by-
byte basis.
Defaults to "1", FIFO disabled. The
threshold defaults to "1".
POLL - Disable polling of the drives. Defaults to
"0", polling enabled.
When enabled, a single
interrupt is generated after a reset. No polling is
performed while the drive head is loaded and the
head unload delay has not expired.
FIFOTHR - The FIFO threshold in the execution
phase of read or write commands.
This is
programmable from 1 to 16 bytes. Defaults to one
byte.
A "00" selects one byte; "0F" selects 16
bytes.
PRETRK
-
Pre-Compensation
Start
Track
Number.
Programmable from track 0 to 255.
Defaults to track 0. A "00" selects track 0; "FF"
selects track 255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com