Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C78-HT Datasheet(PDF) 57 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 57 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 53Page - Microchip Technology FDC37C78-HT Datasheet HTML 54Page - Microchip Technology FDC37C78-HT Datasheet HTML 55Page - Microchip Technology FDC37C78-HT Datasheet HTML 56Page - Microchip Technology FDC37C78-HT Datasheet HTML 57Page - Microchip Technology FDC37C78-HT Datasheet HTML 58Page - Microchip Technology FDC37C78-HT Datasheet HTML 59Page - Microchip Technology FDC37C78-HT Datasheet HTML 60Page - Microchip Technology FDC37C78-HT Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
57
LOCK
In order to protect systems with long DMA
latencies against older application software that
can disable the FIFO the LOCK Command has
been added. This command should only be used
by the FDC routines, and application software
should refrain from using it. If an application calls
for the FIFO to be disabled then the CONFIGURE
command should be used.
The LOCK command defines whether the EFIFO,
FIFOTHR, and PRETRK parameters of the
CONFIGURE command can be RESET by the
DOR and DSR registers. When the LOCK bit is
set to logic "1" all subsequent "software RESETS
by the DOR and DSR registers will not change the
previously set parameters to their default values.
All "hardware" RESET from the RESET pin will set
the LOCK bit to logic "0" and return the EFIFO,
FIFOTHR, and PRETRK to their default values.
A status byte is returned immediately after issuing
a a LOCK command. This byte reflects the value
of the LOCK bit set by the command byte.
ENHANCED DUMPREG
The DUMPREG command is designed to support
system
run-time
diagnostics
and
application
software
development
and
debug.
To
accommodate the LOCK command and the
enhanced PERPENDICULAR MODE command
the eighth byte of the DUMPREG command has
been modified to contain the additional data from
these two commands.
COMPATIBILITY
The FDC37C78
was
designed
with software
compatibility in mind.
It is a fully backwards-
compatible
solution
with
the older generation
765A/B
disk
controllers.
The
FDC
also
implements on-board registers for compatibility
with PC/AT and PC/XT floppy disk controller
subsystems. After a hardware reset of the FDC, all
registers, functions and enhancements default to a
PC/AT compatible operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com