Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMB065T-2R2MS Datasheet(PDF) 25 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 25 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 21Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 22Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 23Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 24Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 25Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 26Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 27Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 28Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 29Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
25
www.irf.com
© 2013 International Rectifier
May 08, 2013
When the control FET turns on in the next cycle, the
capacitor node connected to SW rises to the bus
voltage Vin. However, if the value of C1 is
appropriately chosen, the voltage Vc across C1
remains approximately unchanged and the voltage at
the Boot pin becomes:
D
cc
in
Boot
V
V
V
V
(13)
L
Vc
C1
VIN
Vcc
SW
+
-
Boot
PGnd
+ VD -
IR3891
Cvin
Figure 25: Bootstrap circuit to generate Vc voltage
A bootstrap capacitor of value 0.1uF is suitable for
most applications.
Input Capacitor Selection
The ripple currents generated during the on time of
the control FETs should be provided by the input
capacitor. The RMS value of this ripple for each
channel is expressed by:

D
D
I
I
o
RMS
1
(14)
in
o
V
V
D
(15)
Where:
D is the Duty Cycle
IRMS is the RMS value of the input capacitor
current.
Io is the output current.
For channel 1, Io=4A and D = 0.15, the IRMS =
1.43A.
For channel 2, Io=4A and D = 0.1, the IRMS = 1.2A.
Ceramic capacitors are recommended due to their
peak current capabilities. They also feature low ESR
and ESL at higher frequency which enables better
efficiency. For this application, it is advisable to have
4x10uF, 25V ceramic capacitors, C3216X5R1E106K
from TDK.
In addition to these, although not
mandatory, a 1x330uF, 25V SMD capacitor EEV-
FK1E331P from Panasonic may also be used as a
bulk capacitor and is recommended if the input power
supply is not located close to the converter.
Inductor Selection
Inductors are selected based on output power,
operating frequency and efficiency requirements. A
low inductor value causes large ripple current,
resulting in the smaller size, faster response to a load
transient but may reduce efficiency and cause higher
output noise. Generally, the selection of the inductor
value can be reduced to the desired maximum ripple
current in the inductor (∆i). The optimum point is
usually found between 20% and 50% ripple of the
output current. For the buck converter, the inductor
value for the desired operating ripple current can be
determined using the following relation:
s
o
in
F
D
t
t
i
L
V
V
1
;

s
in
o
o
in
F
i
V
V
V
V
L
(16)
Where:
Vin = Maximum input voltage
V0 = Output Voltage
∆i
= Inductor Peak-to-Peak Ripple Current
Fs
= Switching Frequency
∆t
= On time for Control FET
D
= Duty Cycle
If ∆i ≈ 20%*Io, then the channel 1 output inductor is
calculated to be 3.2μH. Select L=2.2μH, PCMB065T-
2R2MS, from Cyntec which provides a compact, low
profile inductor suitable for this application.
For
channel 2, the output inductor is calculated to be
2.25μH. Select L=1.5μH, PCMB065T-1R5MS, from
Cyntec.
Output Capacitor Selection
The voltage ripple and transient requirements
determine the output capacitors type and values. The
criterion is normally based on the value of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com