Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMB065T-2R2MS Datasheet(PDF) 1 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 1 Page - International Rectifier

  PCMB065T-2R2MS Datasheet HTML 1Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 2Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 3Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 4Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 5Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 6Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 7Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 8Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
1
www.irf.com
© 2013 International Rectifier
May 08, 2013
FEATURES
 Single 5V to 21V application
 Wide Input Voltage Range from 1V to 21V with
external Vcc
 Output Voltage Range: 0.5V to 0.86*PVin
 Dual output, 4A/Phase
 Enhanced Line/Load Regulation with Feed-
Forward
 Programmable Switching Frequency up to 1.5MHz
 Internal Digital Soft-Start
 Enable input with Voltage Monitoring Capability
 Thermally compensated current limit and Hiccup
Mode Over Current Protection
 External synchronization with Smooth Clocking
 Precision Reference Voltage (0.5V +/-1%)
 Seq pin for Sequencing Applications
 Integrated MOSFETs, drivers and Bootstrap diode
 Thermal Shut Down
 Open Feedback Line Protection
 Over Voltage Protection
 Interleaved Phases to reduce Input Capacitors
 Monotonic Start-Up
 Operating Junction Temp: -40oC<Tj<125oC
 Small Size 5mm x 6mm PQFN
 Lead-free, Halogen-free, and RoHS Compliant
DESCRIPTION
The IR3891 SupIRBuck
TM is an easy-to-use, fully
integrated and highly efficient DC/DC regulator. The
onboard PWM controller and MOSFETs make IR3891
a space-efficient solution, providing accurate power
delivery for low output voltage.
IR3891
is
a
versatile
regulator
which
offers
programmability of switching frequency and a fixed
current limit while operating in wide input and output
voltage range.
The switching frequency is programmable from
300kHz to 1.5MHz for an optimum solution.
It also features important protection functions, such as
Over Voltage Protection (OVP), Pre-Bias startup,
hiccup current limit and thermal shutdown to give
required system level security in the event of fault
conditions.
APPLICATIONS
 Sever Applications
 Netcom Applications
 Set Top Box Applications
 Storage Applications
 Embedded telecom Systems
 Distributed Point of Load Power Architectures
 Computing Peripheral Voltage regulators
 General DC-DC Converters
ORDERING INFORMATION
Base Part
Number
Package Type
Standard Pack
Orderable Part
Number
Form
Quantity
IR3891
PQFN 5mm x 6mm
Tape and Reel
750
IR3891MTR1PBF
IR3891
PQFN 5mm x 6mm
Tape and Reel
4000
IR3891MTRPBF


Similar Part No. - PCMB065T-2R2MS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PCMB065T-2R2MS IRF-PCMB065T-2R2MS Datasheet
909Kb / 22P
6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
PCMB065T-2R2MS IRF-PCMB065T-2R2MS Datasheet
739Kb / 33P
HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
PCMB065T-2R2MS IRF-PCMB065T-2R2MS Datasheet
1Mb / 21P
6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - PCMB065T-2R2MS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
12A Highly Integrated SupIRBuck IR3476 TM
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
4A HIGHLY INTEGRATED SUPLRBUCK
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
10A Highly Integrated SupIRBuck Constant On.Time Control
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
15A Highly Integrated SupIRBuck Constant On.Time Control
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
16A Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
6A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
9A Highly Integrated SupIRBuck Single.Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com