Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMB065T-2R2MS Datasheet(PDF) 10 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 10 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 6Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 7Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 8Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 9Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 10Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 11Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 12Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 13Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
10
www.irf.com
© 2013 International Rectifier
May 08, 2013
TYPICAL EFFICIENCY AND POWER LOSS CURVES
PVin = 12V, Vin = Vcc = 5V, Io=0-4A, Fs= 600kHz, Room Temperature, No Air Flow. Note that the losses of the
inductor, input and output capacitors are also considered in the efficiency and power loss curves. The table
below shows the indicator used for each of the output voltages in the efficiency measurement while running a
single channel and disabling the other.
VOUT (V)
LOUT (uH)
P/N
DCR (mΩ)
1.0
1.5
PCMB065T-1R5MS (Cyntec)
6.7
1.2
1.5
PCMB065T-1R5MS (Cyntec)
6.7
1.8
2.2
7443340220 (Wurth Elektronik)
4.4
3.3
3.3
7443340330 (Wurth Elektronik)
6.5
5.0
3.3
7443340330 (Wurth Elektronik)
6.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com