Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMB065T-2R2MS Datasheet(PDF) 37 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 37 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 33Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 34Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 35Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 36Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 37Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 38Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 39Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 40Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 41Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
37
www.irf.com
© 2013 International Rectifier
May 08, 2013
Suggested bill of material for application circuit 5V to 1.8V and 1.2V
Part Reference
Qty
Value
Description
Manufacturer
Part Number
Cpvin1
1
330uF
SMD, electrolytic, 25V, 20%
Panasonic
EEV-FK1E331P
Cpvin2
8
10uF
1206, 25V, X5R, 10%
TDK
C3216X5R1E106M
Cvin
1
1.0uF
0603, 25V, X5R, 10%
Murata
GRM188R61E105KA12D
Cvcc
1
2.2uF
0603, 16V, X5R, 20%
TDK
C1608X5R1C225M
Cpvin3 Cboot1
Cboot2 Co1
Co2
6
0.1uF
0603, 25V, X7R, 10%
Murata
GRM188R71E104KA01D
Cc12 Cc22
2
5.6nF
0603, 50V, X7R, 10%
Murata
GRM188R71H562KA01D
Cc13 Cc23
2
100pF
0603, 50V, NPO, 5%
Murata
GRM1885C1H101JA01D
Cc11 Cc21
2
2200pF
0603, 50V, X7R, 10%
Murata
GRM188R71H222KA01D
Cout1 Cout2
8
22uF
0805, 6.3V X5R, 20%
TDK
C2012X5R0J226M
L0 L1
2
1.5uH
SMD 7.05x6.6x4.8mm,
6.0mΩ
Cyntec
PCMB065T-1R5MS
Rbd1 Rbd2
2
20
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF20R0V
Rc11 Rc21
2
52.3
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF52R3V
Rc12
1
6.81K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF6811V
Rc22
1
4.02K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF4021V
Ren11 Ren21
2
21K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF2102V
Ren12 Ren22
2
41.2K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF4122V
Rfb11 Rsns11
2
2.61K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF2611V
Rfb12 Rsns12
Rfb22 Rsns22
4
6.81K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF6811V
Rfb21 Rsns21
2
4.87K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF4871V
Rpg1 Rpg2
2
49.9K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF4992V
Rt
1
39.2K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF3922V
U1
1
IR3891
PQFN 5x6mm
International
Rectifier
IR3891MPBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com