Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMB065T-2R2MS Datasheet(PDF) 34 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 34 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 30Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 31Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 32Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 33Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 34Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 35Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 36Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 37Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
34
www.irf.com
© 2013 International Rectifier
May 08, 2013
EXTERNALLY BIASED DUAL RAIL
U1
IR3891
L0
SW1
Comp1
FB1
Vsns1
Boot1
EN1
PGood1
Ren12
Ren11
PGood2
EN2
Boot2
SW2
Comp2
FB2
L1
Vsns2
Ren22
Ren21
Cpvin1
Cvcc
Cpvin2
Cpvin3
Cvin
Rfb12
Rc12
Cc13
Cc12
Cc11
Rc22
Rfb22
Rc21
Cc21
Cc22
Cc23
Cboot1
Cboot2
0.1 uF
0.1 uF
49.9 K
Rpg2
2.2 uF
1 uF
49.9 K
Rpg1
2 x 0.1 uF
49.9 K
7.5 K
49.9 K
7.5 K
330 uF
4 x 10 uF
16.5 K
Rsns12
6.34 K
Rsns11
4 x 22 uF
5.6 nF
100 pF
5.9 K
127
1000 pF
16.5 K
6.34 K
Rfb11
Rc11
39.2 K
Rt
Vo1
PVin
PG2
PG1
2.2 uH
1.5 uH
18.2 K
13 K
Rfb21
4 x 22 uF
Vo2
Rsns22
18.2 K
Rbd2
20
Rsns21
13 K
140
1000 pF
100 pF
5.6 nF
3.74 K
Rbd1
20
Cout1
0.1 uF
Co1
Cout2
0.1 uF
Co2
Vin
Figure 30: Application circuit for a 12V to 1.8V and 1.2V, 4A Point of Load Converter using external 5V VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com