Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMB065T-2R2MS Datasheet(PDF) 28 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 28 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 24Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 25Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 26Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 27Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 28Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 29Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 30Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 31Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 32Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
28
www.irf.com
© 2013 International Rectifier
May 08, 2013
VOUT
VREF
R6
R5
R4
C4
C2
C3
R3
Ve
FZ1
FZ
2
FP
2
FP
3
E
/ A
Zf
ZIN
Frequency
Gain (dB)
|H(s)| dB
Fb
Comp
Figure 28: Type III Compensation network
and its asymptotic gain plot
Again, the transfer function is given by:
IN
f
out
e
Z
Z
s
H
V
V
)
(
By replacing Zin and Zf, according to Figure 28, the
transfer function can be expressed as:




4
4
3
2
3
2
3
3
2
5
5
4
4
3
3
1
1
1
1
)
(
C
sR
C
C
C
C
sR
C
C
sR
R
R
sC
C
sR
s
H


(28)
The compensation network has three poles and two
zeros and they are expressed as follows:
0
1
P
F
(29)
4
4
2
2
1
C
R
F
P
(30)
2
3
3
2
3
2
3
3
2
1
2
1
C
R
C
C
C
C
R
F
P


(31)
3
3
1
2
1
C
R
F
Z
(32)

5
4
5
3
4
2
2
1
2
1
R
C
R
R
C
F
Z
(33)
Cross over frequency is expressed as:
o
o
ramp
in
o
C
L
V
V
C
R
F
2
1
4
3
(34)
Based on the frequency of the zero generated by the
output capacitor and its ESR, relative to the crossover
frequency, the compensation type can be different.
Table 3 shows the compensation types for relative
locations of the crossover frequency.
Table 3: Different types of compensators
Compensator
Type
FESR vs FO
Typical Output
Capacitor
Type II
FLC < FESR < FO <
FS/2
Electrolytic
Type III
FLC < FO < FESR
SP Cap,
Ceramic
The higher the crossover frequency is, the potentially
faster the load transient response will be. However,
the crossover frequency should be low enough to
allow attenuation of switching noise. Typically, the
control loop bandwidth or crossover frequency (Fo) is
selected such that:
s
o
F
F
*
1/10
~
1/5
The DC gain should be large enough to provide high
DC-regulation accuracy. The phase margin should be
greater than 45
o for overall stability.
The specifications for designing channel 1:
Vin = 12V
Vo = 1.8V
Vramp= 1.8V (This is a function of Vin, pls. see
Feed-Forward section)
Vref = 0.5V
Lo
= 2.2uH
Co = 4x22uF, ESR≈3mΩ each
It must be noted here that the value of the
capacitance used in the compensator design must be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com