Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMB065T-2R2MS Datasheet(PDF) 42 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 42 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 38Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 39Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 40Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 41Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 42Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 43Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 44Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 45Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 46Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
42
www.irf.com
© 2013 International Rectifier
May 08, 2013
LAYOUT RECOMMENDATIONS
The layout is very important when designing high
frequency switching converters. Layout will affect
noise pickup and can cause a good design to perform
with less than expected results.
Make the connections for the power components on
the top layer with wide, copper filled areas or
polygons. In general, it is desirable to make proper
use of power planes and polygons for power
distribution and heat dissipation.
The inductor, input capacitors, output capacitors and
the IR3891 should be as close to each other as
possible. This helps to reduce the EMI radiated by the
power traces due to the high switching currents
through them. Place the input capacitor directly at the
PVin pin of IR3891.
The feedback part of the system should be kept away
from the inductor and other noise sources.
The critical bypass components such as capacitors for
PVin and VCC should be close to their respective
pins. It is important to place the feedback components
including feedback resistors and compensation
components close to Fb and Comp pins.
In a multilayer PCB use one layer as a power ground
plane and have a control circuit ground (analog
ground), to which all signals are referenced. The goal
is to localize the high current path to a separate loop
that does not interfere with the more sensitive analog
control function. These two grounds must be
connected together on the PC board layout at a single
point.
It
is
recommended
to
place
all
the
compensation parts over the analog ground plane on
top layer.
The Power QFN is a thermally enhanced package.
Based on thermal performance it is recommended to
use at least a 4-layers PCB. To effectively remove
heat from the device the exposed pad should be
connected to the ground plane using vias. Figure
42a-d illustrates the implementation of the layout
guidelines outlined above, on the IRDC3891 4-layer
demo board.
Figure 42a: IRDC3891 Demo board Layout Considerations – Top Layer
- Compensation parts
should be placed
as close as possible
to the Comp pins
- SW node copper is
kept only at the top
layer to minimize the
switching noise
- Single point connection
between AGND &
PGND, should be placed
near the part and kept
away from noise sources
PGND
PVin
Vout1
Vout2
AGND
- Ground path length
between VIN- and VOUT1-
should be minimized with
maximum copper
- Ground path length
between VIN- and
VOUT2- should be
minimized with
maximum copper
- Bypass caps should
be placed as close as
possible to their



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com