Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMB065T-2R2MS Datasheet(PDF) 29 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 29 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 25Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 26Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 27Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 28Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 29Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 30Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 31Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 32Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
29
www.irf.com
© 2013 International Rectifier
May 08, 2013
the small signal value. For instance, the small signal
capacitance of the 22uF capacitor used in this design
is 9.5uF at 1.8 V DC bias and 600 kHz frequency. It is
this value that must be used for all computations
related to the compensation. The small signal value
may be obtained from the manufacturer’s datasheets,
design tools or SPICE models. Alternatively, they may
also be inferred from measuring the power stage
transfer function of the converter and measuring the
double pole frequency FLC and using equation (18) to
compute the small signal Co.
These result to:
FLC = 17.4 kHz
FESR = 5.6 MHz
Fs/2 = 300 kHz
Select crossover frequency F0=100 kHz
Since FLC<F0<Fs/2<FESR, Type III is selected to place
the pole and zeros.
Detailed calculation of compensation Type III:
Desired Phase Margin Θ = 70°
sin
1
sin
1
2
o
Z
F
F
17.6 kHz
sin
1
sin
1
2
o
P
F
F
567.1 kHz
Select:
2
1
5
.
0
Z
Z
F
F
8.8 kHz and
s
P
F
F
5
.
0
3
300 kHz
Select C4 = 2.2nF.
Calculate R3, C3 and C2:
in
ramp
o
o
o
V
C
V
C
L
F
R
4
3
2
; R3 = 3.6 kΩ,
Select: R3 = 3.24 kΩ
3
1
3
2
1
R
F
C
Z
; C3 = 5 nF,
Select: C3 = 10 nF
3
3
2
2
1
R
F
C
P
; C2 = 148 pF,
Select: C2 = 150 pF
Calculate R4, R5 and R6:
2
4
4
2
1
P
F
C
R
; R4 = 127.6 Ω,
Select R4 = 130 Ω
2
4
5
2
1
Z
F
C
R
; R5 = 3.98 kΩ,
Select R5 = 4.02 kΩ
5
6
R
V
V
V
R
ref
o
ref
; R6 = 1.53 kΩ,
Select R6 = 1.54 kΩ
Setting the Power Good Threshold
In this design IR3891, the PGood outer limits are set
at 85% and 120% of VREF. PGood signal is asserted
1.3ms after Vsns voltage reaches 0.85*0.5V=0.425V.
As long as the Vsns voltage is between the threshold
range, Enable is high, and no fault happens, the
PGood remains high.
The following formula can be used to set the PGood
threshold. Vout (PGood_TH) can be taken as 85% of Vout.
Choose Rsns11=1.54 KΩ.
11
1
85
.
0
12
)
_
(
Rsns
VREF
V
Rsns
TH
PGood
out


(35)
Rsns12 = 4.00 kΩ, Select 4.02 kΩ,
OVP comparator also uses Vsns signal for Over-
Voltage detection. With above values for Rsns22 and
Rsns21, OVP trip point (Vout_OVP) is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com