Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 47 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A Datasheet(HTML) 47 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 43Page - Texas Instruments SLAS191A Datasheet HTML 44Page - Texas Instruments SLAS191A Datasheet HTML 45Page - Texas Instruments SLAS191A Datasheet HTML 46Page - Texas Instruments SLAS191A Datasheet HTML 47Page - Texas Instruments SLAS191A Datasheet HTML 48Page - Texas Instruments SLAS191A Datasheet HTML 49Page - Texas Instruments SLAS191A Datasheet HTML 50Page - Texas Instruments SLAS191A Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
2–11
mx[n] The m command allows the user to inspect (read/modify/write) memory locations. Use the m
command in conjunction with the b or w commands. The b or w command displays the memory as
shown in Figure 2–11.
Enter b at the command prompt
Enter w at the command prompt
Enter m220 20 at the command prompt
>init
MSP–STK430A320
>byte
>m220 20
mem 0220 : 48 00 02 00 20 20 00 08 00 20 00 00 09 00 02 80
mem 0230 : 01 00 00 00 00 00 02 00 00 44 20 00 00 50 00 00
>word
>m220 20
mem 0220 : 0048 0002 2020 0800 2000 0000 0009 8002
mem 0230 : 0001 0000 0000 0002 4400 0020 5000 0000
>_
Figure 2–11. Memory Byte, Word Command
The address x shown above as 220 must be entered to define the memory location. The number n, shown
above as 20, is optional. It defines the number of memory bytes that are to be displayed. Entering the m
command without n allows the memory contents at address x to be displayed or modified.
NOTE: Interrupt.
Viewing large memory areas will take some time because the output function to display memory
contents cannot be interrupted while the UART is operating in the half duplex mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com