Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 80 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A Datasheet(HTML) 80 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 76Page - Texas Instruments SLAS191A Datasheet HTML 77Page - Texas Instruments SLAS191A Datasheet HTML 78Page - Texas Instruments SLAS191A Datasheet HTML 79Page - Texas Instruments SLAS191A Datasheet HTML 80Page - Texas Instruments SLAS191A Datasheet HTML 81Page - Texas Instruments SLAS191A Datasheet HTML 82Page - Texas Instruments SLAS191A Datasheet HTML 83Page - Texas Instruments SLAS191A Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 86 page
background image
6–4
.word
start
;––– additionally define reset vector in EPROM if final version
.if DVLP = 0
.sect “EPRM_RES”, 0E9FEh–((TRIAL–1)*22h)
.word start
;
write identification to EPROM if final version. This MUSt be the LAST
section !
.sect “IDENT”, 0E9DEh–((TRIAL–1)*22h)
.word 0AA55h
.endif
NOTE: Identification Pattern AA55h
Program the identification pattern as the last word of the download. To assure this, the section
containing the identification should be the last section in the source file.
The following code is an example of the EPROM user interrupt vector table and the associated key for its
activation.
.sect “Int_Vect”,0E90Eh–((TRIAL–1)*22h)
.word POIFG.27
; I/O Port 0
.word BTIFG
; Basic Timer
.word RESET
;
.word RESET
;
.word RESET
; (TimerB)
.word ADCIFG
; ADC, Timer/Port
.word RESET
; Timer/Port
.word RESET
; (SCI)
.word RESET
; (TimerA)
.word RESET
; (TimerA)
.word WDTIFG
; Watchdog timer
.word RESET
; (SPI)
.word POIFG.1
; Dedicated I/O
.word POIFG.0
; Dedicated I/O
.word OFIFG
; OSC. fault
.word WDTIFG
; Power-up, ext. Reset, Watchdog
.sect “IDENT”,0E9DEh–((TRIAL–1)*22h)
.word 0AA55h
.end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com