Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 15 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A Datasheet(HTML) 15 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 11Page - Texas Instruments SLAS191A Datasheet HTML 12Page - Texas Instruments SLAS191A Datasheet HTML 13Page - Texas Instruments SLAS191A Datasheet HTML 14Page - Texas Instruments SLAS191A Datasheet HTML 15Page - Texas Instruments SLAS191A Datasheet HTML 16Page - Texas Instruments SLAS191A Datasheet HTML 17Page - Texas Instruments SLAS191A Datasheet HTML 18Page - Texas Instruments SLAS191A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
1–9
The LCD is connected to the STK/EVK as shown in Table 1–1.
Table 1–1. LCD Connector
PIN NO.
COM1
COM2
COM3
COM4
1
–
–
COM3
–
2
–
–
–
COM4
3
–
COM2
–
–
4
COM1
–
–
–
5
–
–
–
–
6
6C
6F
6H
6E
7
6A
6B
6D
6G
8
5C
5F
5H
5E
9
5A
5B
5D
5G
10
4C
4F
4H
4E
11
4A
4B
4D
4G
12
3C
3F
3H
3E
13
3A
3B
3D
3G
14
2C
2F
2H
2E
15
2A
2B
2D
2G
16
1C
1F
1H
1E
17
1A
1B
1D
1G
18
0C
0F
0H
0E
19
0A
0B
0D
0G
20
COM1
–
–
–
E
A
FB
G
EC
D
H
H
C
Digit 6–0
Digit 7
Figure 1–8. LCD Segment Digits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com