Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 77 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A Datasheet(HTML) 77 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 73Page - Texas Instruments SLAS191A Datasheet HTML 74Page - Texas Instruments SLAS191A Datasheet HTML 75Page - Texas Instruments SLAS191A Datasheet HTML 76Page - Texas Instruments SLAS191A Datasheet HTML 77Page - Texas Instruments SLAS191A Datasheet HTML 78Page - Texas Instruments SLAS191A Datasheet HTML 79Page - Texas Instruments SLAS191A Datasheet HTML 80Page - Texas Instruments SLAS191A Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 86 page
background image
6–1
6 Using Interrupt Vectors in the EPROM
This chapter describes how to use interrupt vectors stored in the EPROM. The interrupt vectors are stored
in EPROM so they are not lost when power is removed.
6.1
The Identification Bit Pattern After a Reset
The reset start-up sequence checks the contents of memory location E9DEh to see if its contents are equal
to AA55h. If the memory location contents equal AA55h, the EPROM interrupt vector table with addresses
ranging from E9E0h to E9FEh is copied to the interrupt table in the RAM locations 3E0h to 3FEh on the
MSP430x32x, or 5E0h to 5FEh on the MSP430x33x family, and the key for the software UART is set to
AA55h to switch the monitor off. If the contents of memory location E9DEh are equal to 0000h, the next set
of interrupt vectors, located at 22h below the previous location, is tested like the first set previously
described. If the valid identification is set to AA55h after each power up or hardware reset, the user program
starts and the EPROM monitor is switched off. The only way back to the monitor is an indirect branch to
Ret_Mon (0FFDCh). The user program code implements a branch, as well as the condition for the branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com