Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 75 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A Datasheet(HTML) 75 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 71Page - Texas Instruments SLAS191A Datasheet HTML 72Page - Texas Instruments SLAS191A Datasheet HTML 73Page - Texas Instruments SLAS191A Datasheet HTML 74Page - Texas Instruments SLAS191A Datasheet HTML 75Page - Texas Instruments SLAS191A Datasheet HTML 76Page - Texas Instruments SLAS191A Datasheet HTML 77Page - Texas Instruments SLAS191A Datasheet HTML 78Page - Texas Instruments SLAS191A Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
5–9
; receive to get back to monitor
; with ESC
WAIT
TST.B
&RXBUF
; char. in rxbuf ?
JEQ
WAIT
; no, then wait
TX
MOV.B
&RXBUF,&TXDATA
; put char to TXDATA
CLR.B
&RXBUF
;
BIC
#01h,&200h
; use only if no special
; treatment of ESC is wanted
CALL
&TXCHAR
; call transmit sub-routine in
; monitor
CALL
&PREPRX
; prepare software UART for
; receive to get back to monitor
; with ESC
JMP
WAIT
UART
BR
&INT_RXTX
.sect “Int_Vect”,03E0h
; 050Eh on the MSP430X33x
.word RESET
; Reset
.word RESET
; Reset
.word RESET
; Reset
.word RESET
; Reset
.word RESET
; Reset
.word RESET
; Reset
.word RESET
; Reset
.word RESET
; Reset
.word RESET
; Reset
.word RESET
; Reset
.word RESET
; Reset
.word RESET
; Reset
.word UART
; UART Routine
.word RESET
; Reset
.word RESET
; Reset
.word RESET
; Reset
.end
The next example receives a string with a maximum of 100 (100=64h) characters, stores them, and then
transmits them after the <ENTER> key is pressed.
WDTCTL
.equ 0120h
WDTHold
.equ 80h
WDT_wrkey
.equ 05a00h
TXCHAR
.equ 0FFD2h
TXTABLE
.equ 0FFD4h
PREPRX
.equ 0FFD6h
PREPTX
.equ 0FFD8h
INT_RXTX
.equ 0FFDAh
TXDATA
.equ 020Eh
RXBUF
.equ 0210h
cr
.equ 0dh
.data 0300h
STRING:
.space
0064h
; reserves receive buffer
.text
00240H
RESET:
MOV
#03DEh,SP
; #05DEh on the MSP430X33x
MOV
#(WDTHold+WDT_wrkey),&WDTCTL ; stop Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com