Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 59 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A Datasheet(HTML) 59 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 55Page - Texas Instruments SLAS191A Datasheet HTML 56Page - Texas Instruments SLAS191A Datasheet HTML 57Page - Texas Instruments SLAS191A Datasheet HTML 58Page - Texas Instruments SLAS191A Datasheet HTML 59Page - Texas Instruments SLAS191A Datasheet HTML 60Page - Texas Instruments SLAS191A Datasheet HTML 61Page - Texas Instruments SLAS191A Datasheet HTML 62Page - Texas Instruments SLAS191A Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
3–3
In most cases, it is efficient to initialize the user stack which is allowed to grow (downwards) until it reaches
the address 270h (26Fh–32h=23Eh). Thus, the resulting size of the maximum user stack is 16Dh
(3DCh–272h=16Ah) on the MSP430x325 family and 360h (5DCh–272h = 36Ah) on the MSP430x33x family.
Interrupt
Vectors
Identification Bit Pattern
Maximum Program,
Stack and Data Size
of User Application
Is 3FEh – 272h
Stack Needed From
ROM Monitor
Temporary
Burn Routine
RAM Area Always Reserved
From ROM Monitor
3FEh
3E0h
3DEh
3DCh
272h
23Eh+32h = 270h
23Eh
23Dh
214h
212h
200h
Interrupt
Vectors
Identification Bit Pattern
Maximum Program,
Stack and Data Size
of User Application
Is 5FEh – 272h
Stack Needed From
ROM Monitor
Temporary
Burn Routine
RAM Area Always Reserved
From ROM Monitor
5FEh
5E0h
5DEh
5DCh
272h
23Eh+32h = 270h
23Eh
23Dh
214h
212h
200h
RAM Area 272h–3FEh for
the MSP430x320
RAM Area 200h–5FFh for
the MSP430x330
Figure 3–2. RAM Area 272h to 3FEh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com