Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 12 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A Datasheet(HTML) 12 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 8Page - Texas Instruments SLAS191A Datasheet HTML 9Page - Texas Instruments SLAS191A Datasheet HTML 10Page - Texas Instruments SLAS191A Datasheet HTML 11Page - Texas Instruments SLAS191A Datasheet HTML 12Page - Texas Instruments SLAS191A Datasheet HTML 13Page - Texas Instruments SLAS191A Datasheet HTML 14Page - Texas Instruments SLAS191A Datasheet HTML 15Page - Texas Instruments SLAS191A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
1–6
1.2.4
MSP-STK/EVK430x320 Target Connectors
Digital Signals:
Pin 1
XIN
Pin 9
NC
Pin 17
PO.0
Pin 2
XOUT
Pin 10
CI
Pin 18
PO.1
Pin 3
XBUF
Pin 11
TP.0
Pin 19
PO.2
Pin 4
RST/NMI
Pin 12
TP.1
Pin 20
PO.3
Pin 5
TCK
Pin 13
TP.2
Pin 21
PO.4
Pin 6
TMS
Pin 14
TP.3
Pin 22
PO.5
Pin 7
TDI
Pin 15
TP.4
Pin 23
PO.6
Pin 8
TDO
Pin 16
TP.5
Pin 24
PO.7
External Supply 3–5V dc
Only Required If Stand
Alone Operation
Pin 1
A4
Pin 2
A5
Pin 3
A2
Pin 4
A3
Pin 5
SVCC
Pin 6
REXT
Pin 7
A0
Pin 8
A1
3 V
5 V
Close
Open
5 V
5 V
3 V
LCD
3 V
5 V
3 V
Open
Close
Close
VCC
VCC
VPP-Input
Apply 12-20 V dc If
Programming Using Serial
Port
Default
VPP Fuse F250 mA
Connector To Programming
Adapter MSP-PRG430x
(Only EVK)
LCD Signals:
LCD (Only STK)
Pin 1
R33
Pin 11
SEG6
Pin 21
SEG16
Pin 2
R23
Pin 12
SEG7
Pin 22
SEG17
Pin 3
R13
Pin 13
SEG8
Pin 23
SEG18
Pin 4
R03
Pin 14
SEG9
Pin 24
SEG19
Pin 5
SEG0
Pin 15
SEG10
Pin 25
SEG20
Pin 6
SEG1
Pin 16
SEG11
Pin 26
COM0
Pin 7
SEG2
Pin 17
SEG12
Pin 27
COM1
Pin 8
SEG3
Pin 18
SEG13
Pin 28
COM2
Pin 9
SEG4
Pin 19
SEG14
Pin 29
COM3
Pin 10
SEG5
Pin 20
SEG15
Pin 30
NC
Figure 1–5. MSP-STK/EVK430x320 Target Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com