Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS191A Datasheet(PDF) 18 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A Datasheet(HTML) 18 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 14Page - Texas Instruments SLAS191A Datasheet HTML 15Page - Texas Instruments SLAS191A Datasheet HTML 16Page - Texas Instruments SLAS191A Datasheet HTML 17Page - Texas Instruments SLAS191A Datasheet HTML 18Page - Texas Instruments SLAS191A Datasheet HTML 19Page - Texas Instruments SLAS191A Datasheet HTML 20Page - Texas Instruments SLAS191A Datasheet HTML 21Page - Texas Instruments SLAS191A Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
1–12
1.2.9
Starting the STK Demo Program
In the HyperTerminal program, type a d to start the demo program. If the HyperTerminal program has been
closed, double click on the Sensor Demo icon to start the demo program.
LUXMETER Demo Program:
The STK Monitor includes a demo program that shows a metering application. The application hardware
consists of the light sensor, a trigger button, and a voltage reference for the analog-to-digital converter.
When the program starts, the screen displays demo and the measured light values are shown on the LCD
display (measured in irradiance). The values are updated every 5 seconds. The A on the left side of the
LCD indicates that the shown value is less than one second old. Any keystroke interrupts the demo program
and switches back to the Monitor/HyperTerminal program. If the STK is disconnected with the demo running,
the program will run until a mounted battery is discharged. To correctly exit the program push the <ESC>
key.
Voltage Reference
Trigger Button
Light Sensor
Figure 1–9. LUXMETER Demo Program
1.2.10
Executing a Program with the STK
To execute a program, write a test program or use the gs_stk1.asm file, which is located in the
C:\ADT430\STK\EXAMPLES directory. Figure 1–11 is the Getting Started demo program.
NOTE: Programming Hint
During development, a program should reside in the free RAM area (240h-3FFh for the
MSP430x320, and 272h–50Ch for the MSP430x330) making program modification during
debug phase possible. Any code written to the device’s EPROM area on the STK cannot be
erased. The stack pointer for the MSP430x33x device resides at 005DEh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com