Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG326P Datasheet(PDF) 4 Page - Texas Instruments

Part # FDG326P
Description  Triple-Supply Power Management IC for Powering FPGAs and DSPs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FDG326P Datasheet(HTML) 4 Page - Texas Instruments

  FDG326P Datasheet HTML 1Page - Texas Instruments FDG326P Datasheet HTML 2Page - Texas Instruments FDG326P Datasheet HTML 3Page - Texas Instruments FDG326P Datasheet HTML 4Page - Texas Instruments FDG326P Datasheet HTML 5Page - Texas Instruments FDG326P Datasheet HTML 6Page - Texas Instruments FDG326P Datasheet HTML 7Page - Texas Instruments FDG326P Datasheet HTML 8Page - Texas Instruments FDG326P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS75003-EP
SGLS311A
– DECEMBER 2006 – REVISED MARCH 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
VEN1 = VIN1, VEN2 = VIN2, VEN3 = VIN3, VIN1 = VIN2 = 2.2 V, VIN3 = 3 V, VOUT3 = 2.5V, COUT1 = COUT2 = 47 μF, COUT3 = 2.2 μF,
TA = -55°C to 125°C, unless otherwise noted. Typical values are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supply and Logic
Input voltage range (IN1, IN2,
VINX
2.2
6.5
V
IN3)(1)
Quiescent current, IQ = IDGND +
IQ
IOUT1 = IOUT2 = IOUT3= 0 mA
75
150
μA
IAGND
ISHDN
Shutdown supply current
VEN1 = VEN2 = VEN3 = 0 V
0.05
3
μA
TA = 25°C
1.4
Enable high, enabled
VIH1, 2
V
(EN1, EN2)
TA = Full Range
1.45
TA = 25°C
1.14
VIH3
Enable High, enabled (EN3)
V
TA = Full Range
1.2
Enable low, shutdown
VILX
0
0.3
V
(EN1, EN2, EN3)
Enable pin current (EN1, EN2,
IENX
0.01
0.5
μA
EN3)
Buck Controllers 1 and 2
VOUT1,2
Adjustable output voltage Range(2)
VFBX
VINX
V
VFB1,2
Feedback voltage (FB1, FB2)
1.22
V
Feedback voltage accuracy(1)
±2%
(FB1, FB2)
IFB1,2
Current into FB1, FB2 pins
0.01
0.5
μA
TA = 25°C
80
120
Reference voltage for current
VIS1,2
100
mV
sense
TA = Full Range
75
125
IIS1,2
Current into IS1, IS2 pins
0.01
0.5
μA
Measured with the circuit in Figure 2,
ΔVOUT%/ΔVIN
Line regulation(1)
0.1
% / V
VOUT + 0.5 V ≤ VIN ≤ 6.5 V
Measured with the circuit in Figure 2,
ΔVOUT%/ΔIOUT
Load regulation
0.6
% / A
30 mA
≤ I OUT ≤ 2 A
Measured with the circuit in Figure 2,
n 1,2
Efficiency(3)
94%
IOUT = 1 A
Measured with the circuit in Figure 2,
tSTR1,2
Startup time(3)
RL = 6 Ω, COUT = 100 μF, CSS = 2.2
5
ms
nF
VIN1,2 > 2.5 V
4
Gate driver P-Channel and
RDS,ON1,2
Ω
N-Channel MOSFET on-resistance V
IN1,2 = 2.2 V
6
Gate Driver P-Channel and
ISW1,2
100
mA
N-Channel MOSFET drive current
tON
Minimum on time
1.36
1.55
1.84
μs
tOFF
Minimum off time
0.44
0.65
0.86
μs
(1)
To be in regulation, minimum VIN1 (or VIN2) must be greater than VOUT1,NOM (or VOUT2,NOM) by an amount determined by external
components. Minimum VIN3 = VOUT3 + VDO or 2.2 V, whichever is greater.
(2)
Maximum VOUT is dependent on external components and will be less than VIN. Parameter is not production tested.
(3)
Depends on external components.
4
Copyright
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS75003-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com