Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG326P Datasheet(PDF) 16 Page - Texas Instruments

Part # FDG326P
Description  Triple-Supply Power Management IC for Powering FPGAs and DSPs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FDG326P Datasheet(HTML) 16 Page - Texas Instruments

Back Button FDG326P Datasheet HTML 12Page - Texas Instruments FDG326P Datasheet HTML 13Page - Texas Instruments FDG326P Datasheet HTML 14Page - Texas Instruments FDG326P Datasheet HTML 15Page - Texas Instruments FDG326P Datasheet HTML 16Page - Texas Instruments FDG326P Datasheet HTML 17Page - Texas Instruments FDG326P Datasheet HTML 18Page - Texas Instruments FDG326P Datasheet HTML 19Page - Texas Instruments FDG326P Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
(
)
(OFF,min)
OUT
SCHO TTKY
L
O UT
IN
OUT
DS(on)
L
OUT
ON
t
V
+ V
+ R
I
V
V
IOUT
r
R
I
t
,MIN
´
´
-
-
´
-
´
³
(
)
IN
OUT
OUT
DS(on)
L
OUT
ON
MIN
V
V
I
r
R
I
t
,MIN
L
=
I
-
-
´
-
´
´
D
(
)
O UT
S CHOTTKY
L
OUT
OFF
MIN
V
+ V
+ R
I
t
,MIN
L
=
I
´
´
D
OUT
PMOS(RMS)
OUT
OUT
IN
V
I
I
D = I
V
»
(
)
[
]
(
)
(
)
2
(cond)
OUT
DS(on)
J
OUT
DS(on)
P
= I
r
1 + TC
T
25 C
I
D
r
´
´
´
-
°
»
´
D
TPS75003-EP
SGLS311A
– DECEMBER 2006 – REVISED MARCH 2011
www.ti.com
Inductor Value Selection (Buck Controllers)
The inductor is chosen based on inductance value and maximum current rating. Larger inductors reduce current
ripple (and therefore, output voltage ripple) but are physically larger and more expensive. Inductors with lower
DC resistance typically improve efficiency, but also have higher cost and larger physical size. The buck
converters work well with inductor values between 4.7
μH and 47 μH in most applications. When selecting an
inductor, the current rating should exceed the current limit set by RIS or RDS,ON (see Current Limit section). To
determine the minimum inductor size, first determine if the device will operate in minimum on-time or minimum
off-time mode. The device will operate in minimum on-time mode if Equation 5 is satisfied.
(5)
where RL = the inductor's DC resistance.
Minimum inductor size needed when operating in minimum on-time mode is given by Equation 6.
(6)
Minimum inductor size needed when operating in minimum off-time mode is given by Equation 7.
(7)
External PMOS Transistor Selection (Buck Controllers)
The external PMOS transistor is selected based on threshold voltage (VT), on-resistance (RDS,ON), gate
capacitance (CG) and voltage rating. The PMOS VT magnitude must be much lower than the lowest voltage at
IN1 or IN2 that will be used. A VT magnitude that is 0.5 V less than the lowest input voltage is normally sufficient.
The PMOS gate will see voltages from 0 V to the maximum input voltage, so gate-to-source breakdown should
be a few volts higher than the maximum input supply. The drain-to-source of the device will also see this full
voltage swing, and should therefore be a few volts higher than the maximum input supply. The RMS current in
the PMOS can be estimated by using Equation 8.
(8)
The power dissipated in the PMOS is comprised of both conduction and switching losses. Switching losses are
typically insignificant. The conduction losses are a function of the RMS current and the RDS,ON of the PMOS, and
are calculated by Equation 9.
(9)
16
Copyright
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS75003-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com