Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG326P Datasheet(PDF) 18 Page - Texas Instruments

Part # FDG326P
Description  Triple-Supply Power Management IC for Powering FPGAs and DSPs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FDG326P Datasheet(HTML) 18 Page - Texas Instruments

Back Button FDG326P Datasheet HTML 14Page - Texas Instruments FDG326P Datasheet HTML 15Page - Texas Instruments FDG326P Datasheet HTML 16Page - Texas Instruments FDG326P Datasheet HTML 17Page - Texas Instruments FDG326P Datasheet HTML 18Page - Texas Instruments FDG326P Datasheet HTML 19Page - Texas Instruments FDG326P Datasheet HTML 20Page - Texas Instruments FDG326P Datasheet HTML 21Page - Texas Instruments FDG326P Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
C
= 0.01
F
SS1
m
R1 = 33 mW
C
= 0.022
F
SS1
m
R1 = 143 mW
C
= 0.022
F
SS1
m
C
= 0.01
F
SS1
m
5
OUT
F B
6
R
V
= V
+1
R
æ
ö
ç
÷
è
ø
TPS75003-EP
SGLS311A
– DECEMBER 2006 – REVISED MARCH 2011
www.ti.com
Figure 25. Effects of CSS1 and R1 on Current Ramp Limit
This soft-start current limit ramo can be used to provide inrush current control or output voltage ramp control.
While the current limit ramp can be easily understood by looking at Figure 25, the output voltage ramp is a
complex function of many variables. The dominant variables in this process are VOUT1, CSS1, IOUT1, and R1. Less
important variables are VIN1 and L1.
The best way to set a target start-up time is through bench measurement under target conditions, adjusting CSS1
to get the desired startup profile. To stay above a minimum start-up time, set the nominal start-up time to
approximately five times the minimum. To stay below a maximum time, set the nominal start-up time at one-fifth
of the maximum. Fastest start-up times occur at maximum VIN1, with minimum VOUT1, L1, COUT1, CSS1, and IOUT1.
Slowest start-up times occur under opposite conditions.
See Figure 11 to Figure 14 for characterization curves showing how the start-up profile is affected by these
critical parameters.
Output Voltage Setting Selection (Buck Controllers)
Output voltage is set using two resistors as shown for Buck2 in Figure 2. Output voltage is then calculated using
Equation 13.
(13)
where VFB = 1.24V.
LDO OPERATION
The TPS75003 LDO uses a PMOS pass element and is offered in an adjustable version for ease of
programming to any output voltage. When used to power VCC,AUX it is set to 2.5 V; it can optionally be set to
other output voltages to power other circuitry. The LDO has integrated soft-start, independent enable, and
short-circuit and thermal protection. The LDO can be used to power VCC,AUX on the Xilinx Spartan-3 FPGA when
3.3-V JTAG signals are used as described in Application Note SLVA159 (available for download from
www.ti.com).
Input Capacitor Selection (LDO)
Although an input capacitor is not required, it is good analog design practice to connect a 0.1-
μF to 10-μF low
ESR capacitor across the input supply near the regulator. This capacitor counteracts reactive input sources and
improves transient response, stability, and ripple rejection. A higher value capacitor may be needed if large, fast
rise-time load transients are anticipated, or if the device is located far from its power source.
18
Copyright
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS75003-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com