Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG326P Datasheet(PDF) 1 Page - Texas Instruments

Part # FDG326P
Description  Triple-Supply Power Management IC for Powering FPGAs and DSPs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FDG326P Datasheet(HTML) 1 Page - Texas Instruments

  FDG326P Datasheet HTML 1Page - Texas Instruments FDG326P Datasheet HTML 2Page - Texas Instruments FDG326P Datasheet HTML 3Page - Texas Instruments FDG326P Datasheet HTML 4Page - Texas Instruments FDG326P Datasheet HTML 5Page - Texas Instruments FDG326P Datasheet HTML 6Page - Texas Instruments FDG326P Datasheet HTML 7Page - Texas Instruments FDG326P Datasheet HTML 8Page - Texas Instruments FDG326P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPS75003-EP
www.ti.com
SGLS311A
– DECEMBER 2006 – REVISED MARCH 2011
Triple-Supply Power Management IC for Powering FPGAs and DSPs
Check for Samples: TPS75003-EP
1
FEATURES
APPLICATIONS
•
FPGA/DSP/ASIC Supplies
2
•
Two 95% Efficient, 3-A Buck Controllers and
•
Set-Top Boxes
One 300-mA LDO
•
DSL Modems
•
Tested and Endorsed by Xilinx for Powering
•
Plasma TV Display Panels
the Spartan
™-3, Spartan-3E, and Spartan-3L
FPGAs
DESCRIPTION
•
Adjustable (1.2 V to 6.5 V for Bucks, 1 V to 6.5
The TPS75003 is a complete power management
V for LDO) Output Voltages on All Channels
solution for FPGA, DSP and other multi-supply
•
Input Voltage Range: 2.2 V to 6.5 V
applications. The device has been tested with and
•
Independent Soft-Start for Each Supply
meets all of the Xilinx Spartan-3, Spartan-3E, and
Spartan-3L start-up profile requirements, including
•
Independent Enable for Each Supply for
monotonic voltage ramp and minimum voltage rail
Flexible Sequencing
rise time. Independent Enables for each output allow
•
LDO Stable with 2.2-
μF Ceramic Output
sequencing to minimize demand on the power supply
Capicitor
at start-up. Soft-start on each supply limits inrush
•
Small, Low-Profile 4,5 mm x 3,5 mm x 0,9 mm
current
during
start-up.
Two
integrated
buck
QFN Package
controllers
allow
efficient,
cost-effective
voltage
conversion for both low and high current supplies
such as core and I/O. A 300-mA LDO is integrated to
SUPPORTS DEFENSE, AEROSPACE,
provide an auxiliary rail such as VCCAUX on the Xilinx
AND MEDICAL APPLICATIONS
Spartan-3 FPGA. All three supply voltages are
•
Controlled Baseline
offered in user-programmable options for maximum
•
One Assembly/Test Site
flexibility.
•
One Fabrication Site
The TPS75003 is fully specified from
–55°C to
•
Available in Military (
–55°C/125°C)
+125
°C and is offered in a QFN package, yielding a
highly compact total solution size with high power
Temperature Range(1)
dissipation capability.
•
Extended Product Life Cycle
•
Extended Product-Change Notification
•
Product Traceability
(1)
Additional temperature ranges available - contact factory
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Spartan is a trademark of Xilinx, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2006–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - FDG326P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG326P FAIRCHILD-FDG326P Datasheet
69Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
logo
TECH PUBLIC Electronics...
FDG326P-TP TECHPUBLIC-FDG326P-TP Datasheet
1Mb / 4P
P-Channel 20V (D-S) MOSFET
More results

Similar Description - FDG326P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL2203 TI-TWL2203 Datasheet
215Kb / 16P
POWER SUPPLY MANAGEMENT IC
TPS75003 TI-TPS75003 Datasheet
604Kb / 24P
Triple-Supply Power Management IC for Powering FPGAs and DSPs
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Texas Instruments
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
TPS75003-EP TI1-TPS75003-EP Datasheet
1Mb / 29P
Triple-Supply Power Management IC for Powering FPGAs and DSPs
TMDSEVM6678LE TI1-TMDSEVM6678LE Datasheet
1Mb / 12P
Power Management Solutions for Xilinx and Altera FPGAs
TPS75003RHLT TI-TPS75003RHLT Datasheet
1,000Kb / 31P
Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS65219 TI-TPS65219 Datasheet
3Mb / 133P
TPS65219 Integrated Power Management IC for ARM Cortex?볾53 Processors and FPGAs
MAY 2022
TPS65219 TI-TPS65219_V01 Datasheet
3Mb / 150P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
TPS65219 TI-TPS65219_V03 Datasheet
4Mb / 156P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com