Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG326P Datasheet(PDF) 19 Page - Texas Instruments

Part # FDG326P
Description  Triple-Supply Power Management IC for Powering FPGAs and DSPs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FDG326P Datasheet(HTML) 19 Page - Texas Instruments

Back Button FDG326P Datasheet HTML 15Page - Texas Instruments FDG326P Datasheet HTML 16Page - Texas Instruments FDG326P Datasheet HTML 17Page - Texas Instruments FDG326P Datasheet HTML 18Page - Texas Instruments FDG326P Datasheet HTML 19Page - Texas Instruments FDG326P Datasheet HTML 20Page - Texas Instruments FDG326P Datasheet HTML 21Page - Texas Instruments FDG326P Datasheet HTML 22Page - Texas Instruments FDG326P Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
1
3
OU T
FB
4
R
V
= V
R
æ
ö
+
ç
÷
è
ø
TPS75003-EP
www.ti.com
SGLS311A
– DECEMBER 2006 – REVISED MARCH 2011
Output Capacitor Selection (LDO)
A 2.2
μF or greater capacitor is required near the output of the device to ensure stability. The LDO is stable with
any capacitor type, including ceramic. If improved transient response or ripple rejection is required, larger and/or
lower ESR output capacitors can be used.
Soft-Start (LDO)
The LDO uses an external soft-start capacitor, CSS3, to provide an RC-ramped reference voltage to the control
loop. (See the Functional Block Diagram.) This is a voltage-controlled soft-start, as compared to the
current-controlled soft-start used by the buck controllers.
Setting Output Voltage (LDO)
Output voltage is set using two resistors as shown in Figure 2. Output voltage is then calculated using
Equation 14.
(14)
where VFB = 0.507 V.
Internal Current Limit (LDO)
The internal current limit of the LDO helps protect the regulator during fault conditions. When an over-current
condition is detected, the output voltage will be reduced until the current falls to a level that will not damage the
device. For good device reliability, the LDO should not operate at current limit.
Enable Pin (LDO)
The active high enable pin (EN3) can be used to put the device into shutdown mode. If shutdown and soft-start
capability are not required, EN3 can be tied to IN3.
Dropout Voltage (LDO)
The LDO uses a PMOS transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout voltage
(VDO), the pass device is in its linear region of operation, and the input-output resistance is the RDS,ON of the pass
transistor. In this region, the regulator is said to be out of regulation; ripple rejection, line regulation, and load
regulation degrade as (VIN – VOUT) falls much below 0.5 V.
Transient Response (LDO)
The LDO does not have an on-chip pulldown circuit for output is over-voltage conditions. This feature permits
applications that connect higher voltage sources such as an alternate power supply to the output. This design
also results in an output overshoot of several percent if the load current quickly drops to zero. The amplitude of
overshoot can be reduced by increasing COUT; the duration of overshoot can be reduced by adding a load
resistor.
Thermal Protection (LDO)
Thermal protection disables the output when the junction temperature, TJ, reaches unsafe levels. When the
junction cools, the output is again enabled. Depending on power dissipation, thermal resistance, and ambient
temperature, the thermal protection circuit may cycle on and off. This cycling limits the dissipation of the
regulator, protecting it from damage. For good long term reliability, the device should not be continuously
operated at or near thermal shutdown.
Copyright
© 2006–2011, Texas Instruments Incorporated
19
Product Folder Link(s): TPS75003-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com