Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293FSZ1 Datasheet(PDF) 5 Page - Analog Devices

Part # OP293FSZ1
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293FSZ1 Datasheet(HTML) 5 Page - Analog Devices

  OP293FSZ1 Datasheet HTML 1Page - Analog Devices OP293FSZ1 Datasheet HTML 2Page - Analog Devices OP293FSZ1 Datasheet HTML 3Page - Analog Devices OP293FSZ1 Datasheet HTML 4Page - Analog Devices OP293FSZ1 Datasheet HTML 5Page - Analog Devices OP293FSZ1 Datasheet HTML 6Page - Analog Devices OP293FSZ1 Datasheet HTML 7Page - Analog Devices OP293FSZ1 Datasheet HTML 8Page - Analog Devices OP293FSZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
OP193/OP293
Rev. C | Page 5 of 20
E Grade
F Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
65
65
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.05
0.05
pA/√Hz
Voltage Noise
en p-p
0.1 Hz to 10 Hz
3
3
μV p-p
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
12
12
V/ms
Gain Bandwidth Product
GBP
35
35
kHz
1
Long-term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at 125 °C, with an LTPD of 1.3.
2
Offset voltage drift is the average of the −40°C to +25°C delta and the +25°C to +125°C delta.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com