Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293FSZ1 Datasheet(PDF) 1 Page - Analog Devices

Part # OP293FSZ1
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293FSZ1 Datasheet(HTML) 1 Page - Analog Devices

  OP293FSZ1 Datasheet HTML 1Page - Analog Devices OP293FSZ1 Datasheet HTML 2Page - Analog Devices OP293FSZ1 Datasheet HTML 3Page - Analog Devices OP293FSZ1 Datasheet HTML 4Page - Analog Devices OP293FSZ1 Datasheet HTML 5Page - Analog Devices OP293FSZ1 Datasheet HTML 6Page - Analog Devices OP293FSZ1 Datasheet HTML 7Page - Analog Devices OP293FSZ1 Datasheet HTML 8Page - Analog Devices OP293FSZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision, Micropower
Operational Amplifiers
OP193/OP293
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1995–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Operates from +1.7 V to ±18 V
Low supply current: 15 µA/amplifier
Low offset voltage: 100 µV maximum
Outputs sink and source: ±8 mA
No phase reversal
Single- or dual-supply operation
High open-loop gain: 600 V/mV
Unity-gain stable
APPLICATIONS
Digital scales
Strain gages
Portable medical equipment
Battery-powered instrumentation
Temperature transducer amplifier
GENERAL DESCRIPTION
The OP193/OP293 are single-supply operational amplifiers that
feature a combination of high precision, low supply current, and
the ability to operate at low voltages. For high performance in
single-supply systems, the input and output ranges include
ground, and the outputs swing from the negative rail to within
600 mV of the positive supply. For low voltage operation, the
OP193/OP293 can operate down to +1.7 V or ±0.85 V.
The combination of high accuracy and low power operation
make the OP193/OP293 useful for battery-powered equipment.
The part’s low current drain and low voltage operation allow it
to continue performing long after other amplifiers have ceased
functioning either because of battery drain or headroom.
The OP193/OP293 are specified for single +2 V through dual
±15 V operation over the extended (−40°C to +125°C) temperature
range. They are available in SOIC surface-mount packages.
PIN CONFIGURATIONS
NULL
1
–IN A 2
+IN A 3
V–
4
NC
8
V+
7
OUT A
6
NULL
5
NC = NO CONNECT
OP193
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC_N
(S Suffix)
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
OP293
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC_N
(S Suffix)


Similar Part No. - OP293FSZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP293FSZ AD-OP293FSZ Datasheet
408Kb / 20P
Precision, Micropower Operational Amplifiers
Rev. D
OP293FSZ-REEL AD-OP293FSZ-REEL Datasheet
408Kb / 20P
Precision, Micropower Operational Amplifiers
Rev. D
OP293FSZ-REEL7 AD-OP293FSZ-REEL7 Datasheet
408Kb / 20P
Precision, Micropower Operational Amplifiers
Rev. D
More results

Similar Description - OP293FSZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP193 AD-OP193 Datasheet
266Kb / 16P
Precision, Micropower Operational Amplifiers
REV.A
OP727 AD-OP727 Datasheet
194Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
OP193 AD-OP193_02 Datasheet
216Kb / 16P
Precision, Micropower Operational Amplifiers
REV. B
OP727ARUZ AD-OP727ARUZ Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727 AD-OP727_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747 AD-OP747_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com