Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293FSZ1 Datasheet(PDF) 16 Page - Analog Devices

Part # OP293FSZ1
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293FSZ1 Datasheet(HTML) 16 Page - Analog Devices

Back Button OP293FSZ1 Datasheet HTML 12Page - Analog Devices OP293FSZ1 Datasheet HTML 13Page - Analog Devices OP293FSZ1 Datasheet HTML 14Page - Analog Devices OP293FSZ1 Datasheet HTML 15Page - Analog Devices OP293FSZ1 Datasheet HTML 16Page - Analog Devices OP293FSZ1 Datasheet HTML 17Page - Analog Devices OP293FSZ1 Datasheet HTML 18Page - Analog Devices OP293FSZ1 Datasheet HTML 19Page - Analog Devices OP293FSZ1 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
OP193/OP293
Rev. C | Page 16 of 20
A SINGLE-SUPPLY INSTRUMENTATION AMPLIFIER
Designing a true single-supply instrumentation amplifier with
zero-input and zero-output operation requires special care. The
traditional configuration, shown in Figure 33, depends upon
Amplifier A1’s output being at 0 V when the applied common-
mode input voltage is at 0 V. Any error at the output is multiplied
by the gain of A2. In addition, current flows through Resistor R3
as A2’s output voltage increases. A1’s output must remain at 0 V
while sinking the current through R3, or a gain error results. With
a maximum output voltage of 4 V, the current through R3 is
only 2 μA, but this still produces an appreciable error.
5V
V+
V–
5V
+
–
+
–
V+
V–
R1
20k
Ω
R2
1.98M
Ω
–IN
+IN
VOUT
R4
1.98M
Ω
R3
20k
Ω
ISINK
A1
1/2 OP293
A2
1/2 OP293
Figure 33. A Conventional Instrumentation Amplifier
One solution to this problem is to use a pull-down resistor. For
example, if R3 = 20 kΩ, then the pull-down resistor must be less
than 400 Ω. However, the pull-down resistor appears as a fixed
load when a common-mode voltage is applied. With a 4 V
common-mode voltage, the additional load current is 10 mA,
which is unacceptable in a low power application.
Figure 34 shows a better solution. A1’s sink current is provided
by a pair of N-channel FET transistors, configured as a current
mirror. With the values shown, the sink current of Q2 is about
340 μA. Thus, with a common-mode voltage of 4 V, the addi-
tional load current is limited to 340 μA vs. 10 mA with a 400 Ω
resistor.
5V
V+
V–
5V
Q1
Q2
5V
+
–
+
–
V+
V–
R1
20k
Ω
R2
1.98M
Ω
A1
1/2 OP293
A2
1/2 OP293
–IN
+IN
VOUT
R3
20k
Ω
10k
Ω
R4
1.98M
Ω
VN2222
Figure 34. An Improved Single-Supply, 0 VIN, 0 VOUT Instrumentation Amplifier
A LOW POWER, TEMPERATURE TO 4 mA TO 20 mA
TRANSMITTER
A simple temperature to 4 mA to 20 mA transmitter is shown
in Figure 35. After calibration, this transmitter is accurate to
±0.5°C over the −50°C to +150°C temperature range. The
transmitter operates from 8 V to 40 V with supply rejection
better than 3 ppm/V. One half of the OP293 is used to buffer
the TEMP pin, and the other half regulates the output current
to satisfy the current summation at its noninverting input.
(
)
×
+
+
−
×
+
×
+
10
2
7
6
2
10
2
7
6
R
R
R
R
R
V
R
R
R
R
V
I
SET
TEMP
OUT
The change in output current with temperature is the derivative
of the following transfer function:
(
)
10
2
7
6
R
R
R
R
T
V
T
I
TEMP
OUT
×
+
∆
∆
=
∆
∆
NOTES
1. ALL RESISTORS 1/4 W, 5% UNLESS OTHERWISE NOTED.
SPAN TRIM
8
4
VTEMP
2N1711
1
2
3
REF43GPZ
6
5
7
1N4002
RLOAD
IOUT
V+
8V TO 40V
R10
100
Ω
1%, 1/2 W
R8
1k
Ω
R9
100k
Ω
VSET
R4
20k
Ω
R6
3k
Ω
R7
5k
Ω
ZERO
TRIM
R5
5k
Ω
R2
1k
Ω
1/2
OP293
–
+
1/2
OP293
–
+
R3
100k
Ω
R1, 10k
Ω
VIN
VOUT
TEMP
GND
2
6
3
4
Figure 35. Temperature to 4 mA to 20 mA Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com