Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293FSZ1 Datasheet(PDF) 12 Page - Analog Devices

Part # OP293FSZ1
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293FSZ1 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP293FSZ1 Datasheet HTML 8Page - Analog Devices OP293FSZ1 Datasheet HTML 9Page - Analog Devices OP293FSZ1 Datasheet HTML 10Page - Analog Devices OP293FSZ1 Datasheet HTML 11Page - Analog Devices OP293FSZ1 Datasheet HTML 12Page - Analog Devices OP293FSZ1 Datasheet HTML 13Page - Analog Devices OP293FSZ1 Datasheet HTML 14Page - Analog Devices OP293FSZ1 Datasheet HTML 15Page - Analog Devices OP293FSZ1 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
OP193/OP293
Rev. C | Page 12 of 20
60
–20
100k
10
FREQUENCY (Hz)
100
1k
10k
40
20
0
VS = ±15V
TA = 25°C
Figure 21. Closed-Loop Gain vs. Frequency, VS = ±15 V
60
0
10k
10
CAPACITIVE LOAD (pF)
100
1k
50
40
30
20
10
+OS
RL =
∞
–OS
RL =
∞
+OS = | –OS |
RL = 50kΩ
+OS = | –OS |
RL = 10kΩ
VS = 5V
TA = 25°C
AV = 1
50mV
≤ VIN ≤ 150mV
LOADS TO GND
Figure 22. Small Signal Overshoot vs. Capacitive Load
60
–20
–40
1M
100
FREQUENCY (Hz)
1k
10k
100k
40
20
0
–45
–90
90
45
0
PHASE
GAIN
VS = 5V
Figure 23. Open-Loop Gain and Phase vs. Frequency
60
–20
–40
1M
100
FREQUENCY (Hz)
1k
10k
100k
40
20
0
–45
–90
90
45
0
PHASE
GAIN
VS = ±15V
Figure 24. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com