Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293FSZ1 Datasheet(PDF) 17 Page - Analog Devices

Part # OP293FSZ1
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293FSZ1 Datasheet(HTML) 17 Page - Analog Devices

Back Button OP293FSZ1 Datasheet HTML 12Page - Analog Devices OP293FSZ1 Datasheet HTML 13Page - Analog Devices OP293FSZ1 Datasheet HTML 14Page - Analog Devices OP293FSZ1 Datasheet HTML 15Page - Analog Devices OP293FSZ1 Datasheet HTML 16Page - Analog Devices OP293FSZ1 Datasheet HTML 17Page - Analog Devices OP293FSZ1 Datasheet HTML 18Page - Analog Devices OP293FSZ1 Datasheet HTML 19Page - Analog Devices OP293FSZ1 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
OP193/OP293
Rev. C | Page 17 of 20
From the formulas, it can be seen that if the span trim is adjusted
before the zero trim, the two trims are not interactive, which
greatly simplifies the calibration procedure.
Calibration of the transmitter is simple. First, the slope of the
output current vs. temperature is calibrated by adjusting the
span trim, R7. A couple of iterations may be required to be sure
the slope is correct.
When the span trim has been adjusted, the zero trim can be
made. Adjusting the zero trim does not affect the gain.
The zero trim can be set at any known temperature by adjusting
R5 until the output current equals:
(
) mA
4
+
−


∆
∆
=
MIN
AMBIENT
OPERATING
FS
OUT
T
T
T
I
I
Table 7 shows the values of R6 required for various temperature
ranges.
Table 7. R6 Values vs. Temperature
Temp Range
R6
0°C to 70°C
10 kΩ
−40°C to +85°C
6.2 kΩ
−55°C to +150°C
3 kΩ
A MICROPOWER VOLTAGE CONTROLLED
OSCILLATOR
The OP293 CMOS analog switch forms the precision VCO of
Figure 36. This circuit provides triangle and square wave
outputs and draws only 50 μA from a single 5 V supply. A1 acts
as an integrator; S1 switches the charging current symmetrically
to yield positive and negative ramps. The integrator is bounded
by A2, which acts as a Schmitt trigger with a precise hysteresis
of 1.67 V, set by Resistor R5, Resistor R6, and Resistor R7, and
associated CMOS switches. The resulting output of A1 is a
triangle wave with upper and lower levels of 3.33 V and 1.67 V.
The output of A2 is a square wave with almost rail-to-rail swing.
With the components shown, frequency of operation is given by
the equation:
fOUT = VCONTROL V × 10 Hz/V
However, the frequency can easily be changed by varying C1.
The circuit operates well up to 500 Hz.
8
4
1
2
3
6
5
7
5V
S3
S4
S1
1
IN/OUT
2
OUT/IN
CONT 12
OUT/IN 10
3
OUT/IN
S2
CONT 13
4
IN/OUT
6
CONT
5
CONT
7
IN/OUT 8
IN/OUT 11
OUT/IN 9
14
5V
5V
CD4066
5V
–
+
–
+
5V
SQUARE
OUT
TRIANGLE
OUT
A1
1/2 OP293
A2
1/2 OP293
C1
75nF
R5
200k
Ω
R1
200k
Ω
R7
200k
Ω
R6
200k
Ω
R8
200k
Ω
R4
200k
Ω
R3
100k
Ω
R2
200k
Ω
VCONTROL
VDD
VSS
Figure 36. Micropower Voltage Controlled Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com