Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293FSZ1 Datasheet(PDF) 11 Page - Analog Devices

Part # OP293FSZ1
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293FSZ1 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP293FSZ1 Datasheet HTML 7Page - Analog Devices OP293FSZ1 Datasheet HTML 8Page - Analog Devices OP293FSZ1 Datasheet HTML 9Page - Analog Devices OP293FSZ1 Datasheet HTML 10Page - Analog Devices OP293FSZ1 Datasheet HTML 11Page - Analog Devices OP293FSZ1 Datasheet HTML 12Page - Analog Devices OP293FSZ1 Datasheet HTML 13Page - Analog Devices OP293FSZ1 Datasheet HTML 14Page - Analog Devices OP293FSZ1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
OP193/OP293
Rev. C | Page 11 of 20
1k
1
1k
0.1
FREQUENCY (Hz)
1
10
100
10
100
5V
≤ VS ≤ 30V
TA = 25°C
Figure 15. Voltage Noise Density vs. Frequency
1k
1
1k
0.1
FREQUENCY (Hz)
1
10
100
10
100
5V
≤ VS ≤ 30V
TA = 25°C
Figure 16. Current Noise Density vs. Frequency
10k
1
10k
0.1
CURRENT LOAD (µA)
5V
≤ VS ≤ 30V
TA = 25°C
1
10
100
1k
10
100
1k
DELTA
FROM VEE
DELTA
FROM VCC
Figure 17. Delta Output Swing vs. Current Load
2500
0
125
–50
TEMPERATURE (°C)
2000
1500
1000
500
–25
0
25
50
75
100
VS = +5V
0.03V
≤ VOUT ≤ 4V
VS = ±15V
–10V
≤ VOUT ≤ +10V
Figure 18. Voltage Gain (RL = 100 kΩ) vs. Temperature
1000
0
125
–50
TEMPERATURE (°C)
800
600
400
200
–25
0
25
50
75
100
VS = +5V
0.03V
≤ VOUT ≤ 4V
VS = ±15V
–10V
≤ VOUT ≤ +10V
Figure 19. Voltage Gain (RL = 10 kΩ) vs. Temperature
60
–20
100k
10
FREQUENCY (Hz)
100
1k
10k
40
20
0
VS = 5V
TA = 25°C
Figure 20. Closed-Loop Gain vs. Frequency, VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com